Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPA-P3528SWL Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTPA-P3528SWL
Description  SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPA-P3528SWL Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTPA-P3528SWL Datasheet HTML 1Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 2Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 3Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 4Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 5Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 6Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 7Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 8Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
4/14
Part No. : LTPA-P3528SWL
BNS-OD-FC002/A4
Light LED
LTPA-P3528SWL
NOTE:
1. Luminous flux measurement tolerance : ±10%
2. Forward voltage measurement tolerance : ±0.1V
3. Electric and optical data is tested at 300ms pulse condition.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic glove when
handling the LED. All devices, equipment and machinery must be properly grounded.
5. Tester
CAS140B is for the chromaticity coordinates(x,y) and Iv.
6. The chromaticity coordinates(x,y) guarantee should be added ±0.01 tolerance.
7. Reverse voltage(VR) condition is applied to IR test only. The device is not designed for reverse operation.
3.3 Electrical / Optical Characteristics at Ta=25°C
Parameter
Symbol
LTPA-P3528SWL
Unit
Test
Condition
MIN.
TYP.
MAX.
Luminous Flux
ΦV
45
--
130
lm
IF = 150mA
Viewing Angle
2
1/2
--
120
--
Deg
Fig.2
Color Temperature
CCT
4500
--
7500
K
IF = 150mA
Forward Voltage
VF
2.7
--
4.5
V
IF = 150m
Reverse Current
IR
--
--
100
μA
VR = 5V
Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com