Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPA-P3528SWL Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTPA-P3528SWL
Description  SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPA-P3528SWL Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTPA-P3528SWL Datasheet HTML 1Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 2Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 3Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 4Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 5Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 6Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 7Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 8Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1/14
Part No. : LTPA-P3528SWL
BNS-OD-FC002/A4
Light LED
LTPA-P3528SWL
1. Description
The LiteOn White LED is a revolutionary, energy efficient and ultra-compact new light source, combining the lifetime and
reliability advantages of Light Emitting Diodes with the brightness of conventional lighting. It gives you total design freedom
and unmatched brightness, creating a new opportunities for solid state lighting to displace conventional lighting technologies.
1 .1 Features
Meet ROHS and HF
Instant Turn On. Very small emitter size
Highest brightness SMD LED
Package In 8mm Tap
e On 7” Diameter Reels
EIA STD Package
I.C. Compatible
Compatible With Automatic Placement Equipment
Compatible With Infrared Reflow Solder Process
1.2 Applications
Automotive aftermarket eg: DRL, Reading light
2. Package Dimensions
Part No.
Lens Color
Emitted Color
LTPA-P3528SWL
Yellow
InGaN White
Notes :
1.
All dimensions are in millimeters and dimension tolerances are ±0.2mm.
2.
Dimensions without tolerances are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com