Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPA-P3528SWL Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTPA-P3528SWL
Description  SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPA-P3528SWL Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTPA-P3528SWL Datasheet HTML 6Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 7Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 8Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 9Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 10Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 11Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 12Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 13Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 14Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9/14
Part No. : LTPA-P3528SWL
BNS-OD-FC002/A4
Light LED
LTPA-P3528SWL
6. User Guide
6.1 Cleaning
Do not use unspecified chemical liquid to clean LED they could harm the package.
If clean is necessary, immerse the LED in ethyl alcohol or in isopropyl alcohol at normal temperature for less one minute.
6.2 Recommend Printed Circuit Board Attachment Pad
Note:
1.Suggest stencil thickness is maximum 0.10mm.
6.3 Package Dimensions Of Tape And Reel
Note:
1. All dimensions are in millimeters (inches).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com