Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPA-P3528SWL Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTPA-P3528SWL
Description  SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPA-P3528SWL Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTPA-P3528SWL Datasheet HTML 1Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 2Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 3Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 4Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 5Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 6Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 7Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 8Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2/14
Part No. : LTPA-P3528SWL
BNS-OD-FC002/A4
Light LED
LTPA-P3528SWL
Notes :
1. Stresses in excess of the absolute maximum ratings can cause damage to the emitter. Maximum Rating limits apply to
each parameter in isolation, all parameters having values within the Current Derating Curves. It should not be assumed
that limiting values of more than one parameters can be applied to the product at the same time. Exposures to the
absolute maximum ratings for extended periods can adversely affect device reliability and continuously will cause
possible permanent damage and de-rating parameters.
3. Rating and Characteristics
3.1 Absolute Maximum Ratings at Ta=25°C
Parameter
LTPA-P3528SWL
Unit
Power Dissipation
0.76
W
DC Forward Current
240
mA
Junction Temperature
110
°C
Operating Temperature Range
-40 ºC
to + 85 ºC
Storage Temperature Range
-40 ºC
to + 100 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com