Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPA-P3528SWL Datasheet(PDF) 14 Page - Lite-On Technology Corporation

Part # LTPA-P3528SWL
Description  SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPA-P3528SWL Datasheet(HTML) 14 Page - Lite-On Technology Corporation

Back Button LTPA-P3528SWL Datasheet HTML 7Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 8Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 9Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 10Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 11Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 12Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 13Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 14Page - Lite-On Technology Corporation LTPA-P3528SWL Datasheet HTML 15Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
13/14
Part No. : LTPA-P3528SWL
BNS-OD-FC002/A4
Light LED
LTPA-P3528SWL
8. Reliability Test
Stress Test
Stress Condition
Stress Duration
Thermal Shock
- 40℃(20min)/100℃(20min) transition time 20 secs
100 cycles
Room Temperature Operation Life
25℃, IF=240mA
1000hr
Low Temperature Operation Life
- 30℃, IF=240mA
1000hr
High Temperature Operation Life
60℃, IF=240mA
1000hr
Resistance to solder heat
Tsol=260℃, 10sec,6min
3 times
Notes:
All reliability items are mounted on thermal heat sink with 2cmX 2cm Metal Core PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com