Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC949 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC949
Description  Very Low-Power, 12-Bit, 20MSPS Monolithic A/D Convertter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC949 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC949 Datasheet HTML 1Page - National Semiconductor (TI) CLC949 Datasheet HTML 2Page - National Semiconductor (TI) CLC949 Datasheet HTML 3Page - National Semiconductor (TI) CLC949 Datasheet HTML 4Page - National Semiconductor (TI) CLC949 Datasheet HTML 5Page - National Semiconductor (TI) CLC949 Datasheet HTML 6Page - National Semiconductor (TI) CLC949 Datasheet HTML 7Page - National Semiconductor (TI) CLC949 Datasheet HTML 8Page - National Semiconductor (TI) CLC949 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
http://www.national.com
CLC949 Typical Performance Characteristics (+V
DD = + 5V, Med Bias, Fs = 20MSPS: unless specified)
Output Spectrum 1MHz
Frequency (MHz)
0
-40
0
2
4
-120
-80
10
68
-20
-60
-100
Output Spectrum 9MHz
Frequency (MHz)
0
-40
0
2
4
-120
-80
10
68
-20
-60
-100
Output Spectrum 15MHz
Frequency (MHz)
0
-40
0
2
4
-120
-80
10
68
-20
-60
-100
SNR & SFDR vs. Input Amplitude 1MHz
Input Amplitude (dBFS)
80
60
-50
-30
-10
20
0
40
SNR
SFDR
10
-40
-20
0
SNR & SFDR vs. Input Amplitude 5MHz
Input Amplitude (dBFS)
80
60
-50
-30
-10
20
0
40
SNR
SFDR
10
-40
-20
0
SNR & SFDR vs. Input Amplitude 9MHz
Input Amplitude (dBFS)
80
60
-50
-30
-10
20
0
40
SNR
SFDR
10
-40
-20
0
SNR & SFDR vs. Input Frequency
Input Frequency (MHz)
80
100k
10M
100M
50
0
60
70
1M
FS = 20MHz
SFDR (dBc)
SNR (dB)
SNR vs. Sample Rate vs. Bias
Sample Rate (MSPS)
70
60
0.1
1.0
10
40
30
50
100
Low Bias
High Bias
Medium Bias
Fin = 5MHz
SFDR vs. Sample Rate vs. Bias
Sample Rate (MSPS)
80
70
0.1
1.0
10
50
40
60
100
Low Bias
Medium Bias
High Bias
Fin = 5MHz
Two Tone Intermodulation Distortion
Frequency (MHz)
0
-40
0
2
4
-120
-80
10
68
-20
-60
-100
Integral Non-Linearity
Output Code
2.5
1.5
0
1000
2000
-2.5
0.5
3000
4000
2
1
0
-0.5
-1
-1.5
-2
Differential Non-Linearity
Output Code
1.5
0.5
0
1000
2000
-1.5
-0.5
3000
4000
1
0
-1
Pulse Settling Response
Time (ns)
4000
0
100
150
1000
0
2000
200
3000
50
SFDR vs. Input Frequency
40
°C
80
°C
60
°C
0
°C
20
°C
-20
°C
Input Frequency (MHz)
80
76
72
68
64
60
1
10
100
I/O Timing (Convert CLK & Bit Skew)
Time (ns)
400
300
0
4
16
100
0
200
20
812
Output Data
Convert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com