Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC949 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC949
Description  Very Low-Power, 12-Bit, 20MSPS Monolithic A/D Convertter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC949 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC949 Datasheet HTML 1Page - National Semiconductor (TI) CLC949 Datasheet HTML 2Page - National Semiconductor (TI) CLC949 Datasheet HTML 3Page - National Semiconductor (TI) CLC949 Datasheet HTML 4Page - National Semiconductor (TI) CLC949 Datasheet HTML 5Page - National Semiconductor (TI) CLC949 Datasheet HTML 6Page - National Semiconductor (TI) CLC949 Datasheet HTML 7Page - National Semiconductor (TI) CLC949 Datasheet HTML 8Page - National Semiconductor (TI) CLC949 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SFDR (dBc)
Power Dissipation vs. Conversion Rate
200
150
100
50
0
0
5
10
15
20
Sample Rate (MSPS)
Features
s
Very low/programmable power
0.07W @ 5MSPS
0.22W @ 20MSPS
0.40W @ 30MSPS
s
Single supply operation (+5V)
s
0.5 LSB differential linearity error
s
Wide dynamic range
72dBc spurious-free dynamic range
68dB signal-to-noise ratio
s
No missing codes
Applications
s
CCD imaging
s
IR imaging
s
FLIR processing
s
Medical imaging
s
High definition video
s
Instrumentation
s
Radar processing
s
Digital communications
General Description
The Comlinear CLC949 is a 12-bit analog-to-digital converter sub-
system including 12-bit quantizer, sample-and-hold amplifier, and
internal reference. The CLC949 has been optimized for low power
operation with high dynamic range. The CLC949 has a unique
feature which allows the user to adjust internal bias levels in the
converter which results in a trade-off between power dissipation
and maximum conversion rate.
With bias set for 220mW power
dissipation the converter operates at 20MSPS. Under these
conditions, dynamic performance with a 9.9MHz analog input is
typically 68dB SNR and 72dBc SFDR. When bias is set for only
65mW power dissipation the converter maintains excellent perfor-
mance at 5MSPS. With a 2.4MHz analog input signal the SNR is
70dB and SFDR is 78dBc. This excellent dynamic performance in
the frequency domain without high power requirements make the
part a strong performer for communications and radar applications.
The low input noise of the CLC949, its 0.5LSB differential linearity
error specification, fast settling, and low power dissipation also
lead to excellent performance in imaging systems. All parts are
thoroughly tested to insure that guaranteed specifications are met.
The CLC949 incorporates an input sample-and-hold amplifier
followed by a quantizer which uses a pipelined architecture to min-
imize comparator count and the associated power dissipation
penalty. An on-board voltage reference is provided. Analog input
signals, conversion clock, and a single supply are all that are
required for CLC949 operation.
The CLC949 exhibits very stable performance over the commercial
and industrial temperature ranges.
Most parameters shift very
little as the ambient temperature changes from -40°C to 85°C. An
exception to this rule is the dynamic performance of the converter.
As the temperature is increased, the distortion increases,
especially at higher input frequencies. This can be seen in the plot
on page 3.
For input frequencies below 7MHz, there is relatively
little variation in distortion as the temperature is changed, but at
higher input frequencies, it is apparent that the performance
degrades as the temperature is increased.
Note that the reason for this degradation is the reduced ability of
the CLC949 to handle high slew rates at high temperatures. In
applications such as CCD imaging systems, where the slew rate at
the A/D sampling instant is very low, this degradation will not be
nearly so pronounced.
For applications requiring high temperature operation and very low
distortion with high frequency input signals, use of an external
sample-and-hold amplifier may enhance performance by reducing
the slew rates that the CLC949 sees during its sampling period (just
after the falling edge of CLK).
The CLC949 is fabricated in a 0.9
µm CMOS technology. The
CLC949ACQ is specified over the commercial temperature range
of 0°C to +70°C and the CLC949AJQ is specified over the indus-
trial range of -40°C to +85°C.
Both are packaged in a 44-pin
Plastic Leaded Chip Carrier (PLCC).
Comlinear CLC949
Very Low-Power, 12-Bit,
20MSPS Monolithic A/D Convertter
N
August 1996
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC949

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC935 NSC-CLC935 Datasheet
271Kb / 12P
12-bit, 15MSPS A/D Converter
CLC935B8C NSC-CLC935B8C Datasheet
271Kb / 12P
12-bit, 15MSPS A/D Converter
CLC935BC NSC-CLC935BC Datasheet
271Kb / 12P
12-bit, 15MSPS A/D Converter
CLC952 NSC-CLC952 Datasheet
233Kb / 8P
CLC949ACQ
CLC952ACMSA NSC-CLC952ACMSA Datasheet
233Kb / 8P
CLC949ACQ
More results

Similar Description - CLC949

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1204 STMICROELECTRONICS-TSA1204 Datasheet
495Kb / 20P
DUAL-CHANNEL, 12-BIT, 20MSPS, 120mW A/D CONVERTER
Feb-2003
logo
Sony Corporation
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
10-bit 20MSPS A/D Converter
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
12-Bit, Low Cost, Monolithic D/A Converters
August 1997
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Linear Technology
LTC1406 LINER-LTC1406 Datasheet
447Kb / 16P
Low Power, 8-Bit, 20Msps, Sampling A/D Converter
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V_01 Datasheet
92Kb / 8P
12-Bit, Low Cost, Monolithic D/A Converter
March 2001
logo
STMicroelectronics
TSA1204 STMICROELECTRONICS-TSA1204_06 Datasheet
425Kb / 31P
Dual channel 12-bit 20Msps 120mW A/D converter
12-Dec-2006
logo
Analog Devices
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
LOW COST MONOLITHIC 12 BIT D/A CONVERTER
logo
Linear Technology
LTC1406 LINER-LTC1406_15 Datasheet
377Kb / 16P
Low Power, 8-Bit, 20Msps, Sampling A/D Converter
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
12-Bit, Low Cost, Monolithic D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com