Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC949 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC949
Description  Very Low-Power, 12-Bit, 20MSPS Monolithic A/D Convertter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC949 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC949 Datasheet HTML 1Page - National Semiconductor (TI) CLC949 Datasheet HTML 2Page - National Semiconductor (TI) CLC949 Datasheet HTML 3Page - National Semiconductor (TI) CLC949 Datasheet HTML 4Page - National Semiconductor (TI) CLC949 Datasheet HTML 5Page - National Semiconductor (TI) CLC949 Datasheet HTML 6Page - National Semiconductor (TI) CLC949 Datasheet HTML 7Page - National Semiconductor (TI) CLC949 Datasheet HTML 8Page - National Semiconductor (TI) CLC949 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
Recommended Operating Conditions
Absolute Maximum Ratings*
supply voltage (V
DD)
+5V ± 5%
differential voltage between any two GND’s
<10mV
analog input voltage range (full scale)
1.25 – 3.25V
digital input voltage range
0 to VDD
operating temperature range
0°C to 70°C
clock pulse-width high (Cpwh)
> 25ns
supply voltage (VDD)
-0.5V to +7V
differential voltage between any two GND’s
200mV
analog input voltage range
-0.5V to +VDD
digital input voltage range
-0.5V to +VDD
output short circuit duration (one pin to gnd)
infinite
junction temperature
+175°C
storage temperature range
-65°C to +150°C
lead solder duration (+300°C)
10 sec
*NOTE: Absolute maximum ratings are limiting values, to be applied individually, and beyond which the serviceability of the circuit may be impaired.
Functional operability under any of these conditions is not necessarily implied. Exposure to maximum ratings for extended periods may affect device
reliability.
Pinout & Pin Description and Usage
References (VREFN, VREFP, VREFNO, VREFPO, VREFNC,
VREFPC, VREFMO)
To use the internal references, connect VREFPO to VREFP
and VREFNO to VREFN. The nominal value for VREFPO is
3.25V and for VREFNO is 1.25V. VREFPC and VREFNC are
internal reference points which should be bypassed to
GND with a 0.1
µF capacitor.
VREFMO is an output
voltage that is equal to the mid point of the reference
range and can be used to apply the appropriate offset to
the analog inputs. For a more detailed discussion on
references, see the paragraph on references in the
applications section of this datasheet.
Analog Input (VINP, VINN)
The analog input to the CLC949 is a differential signal
applied to VINP and VINN. For more detail on driving the
inputs, see the paragraphs in the applications section of
this datasheet.
Power Supplies and Grounds (VDDA, VDDD, GNDA, GNDD)
The power and ground pins of the CLC949 are split into
those that supply the analog portions of the integrated
circuit (VDDA, GNDA) and the digital portions of the chip
(VDDD, GNDD). If your system uses separate power and
ground planes, then performance can be improved by
making use of the appropriate pins. In many systems,
the power pins will all be tied together and the GND pins
will all be tied together. For more detailed discussion,
please refer to the paragraph on power and grounds in
the applications section of the databook.
Clock (CLK)
The CLK accepts a CMOS clock input.
Samples are
taken on the falling edges of the CLK and data emerges
6 1/2 clock cycles later, on to the rising edge of the CLK.
Output Data (D1-D12, MSBINV, OE\)
The data emerges from the CLC949 as CMOS level
digital data on D1(MSB) through D12(LSB). The
outputs can be put into a high impedance state by
bringing OE\ high.
There is an internal pulldown
resistor so that if this input is left open, the output data is
enabled. MSBINV will invert the MSB of the output data.
With MSBINV in the high state, the output data is two’s
complement, when low, the output data format is offset
binary. An internal pulldown resistor makes the output
default to offset binary if MSBINV is left open.
Bias Control (BCO, BC1, BIASC)
The DC bias current of the CLC949 is controlled by three
pins: BCO, BC1, and BIASC. BC0 and BC1 are digital
CMOS inputs and set the bias current in accordance with
the truth table below:
BC0
BC1
Bias Current
PD@10MSPS
0
0
Default: Med Bias (200
µA)
200mW
1
0
Analog Mode
Variable
0
1
High Bias (400
µA)
350mW
1
1
Low Bias (50
µA)
75mW
In the analog mode, the user provides a bias current
through the BIASC pin of the CLC949.
As the bias
current is increased, the power dissipation of the CLC949
is increased and the part becomes capable of increased
conversion rates.
NC
No connection - leave these pins open.
44-Pin PLCC
TOP VIEW
1
2
3
4
5
6
44 43 42 41 40
23
22
21
20
19
18
24 25 26 27 28
12
11
10
9
8
7
13
14
15
16
17
NC
BIASC
GNDA
VINP
VINN
GNDA
VREFNC
VREFPC
VREFN
VREFP
VREFMO
34
35
36
37
38
39
33
32
31
30
29
D8
D7
D6
D5
D4
D3
D9
D10
D11
D12(LSB)
BCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com