Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC949 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC949
Description  Very Low-Power, 12-Bit, 20MSPS Monolithic A/D Convertter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC949 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC949 Datasheet HTML 2Page - National Semiconductor (TI) CLC949 Datasheet HTML 3Page - National Semiconductor (TI) CLC949 Datasheet HTML 4Page - National Semiconductor (TI) CLC949 Datasheet HTML 5Page - National Semiconductor (TI) CLC949 Datasheet HTML 6Page - National Semiconductor (TI) CLC949 Datasheet HTML 7Page - National Semiconductor (TI) CLC949 Datasheet HTML 8Page - National Semiconductor (TI) CLC949 Datasheet HTML 9Page - National Semiconductor (TI) CLC949 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
http://www.national.com
6
Figure 3: Transformer Coupled Input
Since the transformer response does not extend to DC it
is not an effective solution for applications which require
DC coupled inputs.
To drive the input of the CLC949, and retain DC
information, an amplifier configuration is required.
Comlinear suggests the use of the circuit shown in Figure 4.
This circuit is used on the E949PCASM.
Figure 4: Amplifier Coupled Input
In this circuit U7 buffers the analog input with a gain of
+1, and U6 buffers the input with a gain of -1.
The
circuit has been designed so that U6 and U7 have the
same loop gain, thereby offering the best possible match
of their AC characteristics. U5 is used to generate the
required offset voltages which are summed into the input
signal via U6 and U7. The CLC409 was selected for U6
and U7 due to its current feedback topology which allows
for very low distortion even at high frequencies, and its
excellent phase linearity. Phase match between U6 and
U7 is critical for good pulse response. To generate the
D.C. offsets, the CLC428 dual Op-amp was selected.
The CLC428 is a voltage-feedback op amp with very
good DC characteristics, and the large bandwidth makes
the output impedance low over a wide range of frequen-
cies, allowing good AC performance.
Regardless of how the input is driven, a small capacitor
(15pF) should be added from the VINP and VINN
terminals to GND. This will help to reduce the current
transients that are generated by the CLC949 inputs
during sampling.
Reference Generation
The CLC949 has internally generated reference
voltages. To use these references, you must externally
connect
the reference inputs by shorting VREFPO to
VREFP and VREFNO to VREFN. During the conversion
cycle, the impedance on these four pins varies
dynamically. To maintain stable biases on these pins you
must bypass them with 0.1
µF to GND. If you want to pro-
vide an external reference, then you have to be careful
to provide low output impedance drivers to the VREFP and
VREFN pins. Bypass capacitors on all reference pins are
recommended for best performance.
Bias Control
One of the unique features of the CLC949 is that it allows
you to set the internal bias current of the device. When
designing an A/D converter a tradeoff is made between
the
amount
of
power
dissipated
and
the
performance.
The CLC949 allows you to make this
tradeoff yourself. The bias current is controlled by the
pins BC0 and BC1. These two pins are digital input pins
from which one of three discrete bias points may be
selected (see truth table on page 4 of this datasheet) or
an external bias may be provided through the analog bias
control pin BIASC. If BC0 and BC1 are left open, they
will drift low and provide the default bias condition which
results in 220mW of dissipation at 20MHz sampling rate.
The actual power dissipated by the device is a function
of both the bias condition and the sample rate.
The
relationship between power and speed is shown for the
three discrete bias points in Figure 5.
Figure 5: Power Dissipation vs. Sample Rate
As the bias is turned up, the ability of the CLC949 to
handle high frequency inputs and the power dissipation
of the CLC949 increases. To use the BIASC pin, attach
a resistor from the pin to VDDA. The current drawn by this
resistor is mirrored in the device to set the internal bias
currents. A smaller value resistor will result in higher bias
currents and higher performance.Beyond a certain
point, additional improvement is not seen, although
power continues to increase.
For this reason, it is
recommended that bias setting resistors of less than
10K not be used. To generate the graph in Figure 6 a
CLC949 was set to sample a signal 1dB below full scale
U5A
-
+
CLC428
1k
1.25k
U5B
-
+
CLC428
1k
U7
-
+
CLC409
500
Ω
500
Ω
400
Ω
500
Ω
R7
400
Ω
R30
50
Ω
R27
50
Ω
U6
+
-
CLC409
R29
400
Ω
R8
50
Ω
R26
50
Ω
VREFMO
VINP
VINN
CLC949
R10
50
Ω
VIN
15pF
15pF
+5V
+5V
R2
400
Ω
+5V
R3
400
Ω
VINP
50
Ω
VREFMO
VINN
TM01-1T
VIN
CLC949
15pF
15pF
Power Dissipation vs. Sample Rate
Sample Rate (Hz)
400
300
100k
1M
10M
100
0
200
High Bias
40M
Medium Bias
Low Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com