Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC949 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC949
Description  Very Low-Power, 12-Bit, 20MSPS Monolithic A/D Convertter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC949 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC949 Datasheet HTML 3Page - National Semiconductor (TI) CLC949 Datasheet HTML 4Page - National Semiconductor (TI) CLC949 Datasheet HTML 5Page - National Semiconductor (TI) CLC949 Datasheet HTML 6Page - National Semiconductor (TI) CLC949 Datasheet HTML 7Page - National Semiconductor (TI) CLC949 Datasheet HTML 8Page - National Semiconductor (TI) CLC949 Datasheet HTML 9Page - National Semiconductor (TI) CLC949 Datasheet HTML 10Page - National Semiconductor (TI) CLC949 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
http://www.national.com
with a frequency of 1/2 the sample rate. The bias current
was then turned up until the SNR was better than 65dB
and the SFDR exceeded 72dB.
The axis on the left
shows the power that was dissipated by the device as a
function of speed, whereas the other curve uses the axis
on the right to show the resistor value required to obtain
this bias.
Figure 6: Power Dissipation & Programming
Resistor vs. Sample Rate
Dynamic Power Down
In systems where you do not use the A/D converter con-
tinually, and low power consumption is a key require-
ment, the power to the CLC949 can be turned down while
it is not being used. This is done through the use of the
BIASC pin, and a programming resistor to the power
supply. When the potential on this resistor is brought low,
the part goes into a sleep mode which saves power. This
can be accomplished by connecting the bias setting
resistor to a CMOS gate as shown in Figure 7. In sleep
mode the CLC949 will draw approximately 8mA, or
40mW on a 5V supply.
Figure 7: Dynamic Power Savings
PCB Layout
The
keys
to
a
successful
CLC949
layout
are
a substantial low-impedance ground plane, short
connections in and out of the data converter, and proper
power supply decoupling. The use of a socket for the
final design is not recommended but if one must be used
during debug or prototyping, then Comlinear recommends
the McKenzie #PLCC-44P-T-SMT socket which has low
parasitic impedances. The traces from the clock source
to the CLC949 should be as short as possible, if forced
to put the clock driver more than a couple of
centimeters away from the CLC949, then add a buffer for
the clock right next to the CLC949.
There is an evaluation board available for the CLC949
(E949PCASM)
This board can be used to quickly
evaluate the performance of the CLC949 data converter.
Use of this evaluation board as a model for your PCB lay-
out is recommended.
The schematic for this evaluation
board is shown in Figure 8 on the following page. The
board layout for the E949PCASM is shown in the
E949PCASM datasheet.
Power Supplies, Grounding and Bypassing
To obtain the best possible performance from high speed
devices, you must pay close attention to power supplies,
bypassing and grounding. This applies not only to the
A/D converter itself but to the entire system.
The recommended supply decoupling scheme for the
CLC949 includes:
• One 0.01 to 0.033µF capacitor between each
power pin and GND.
• One 6.8 to 10µF capacitor per board, placed no
more than a few inches from the A/D connected
between VDD and GND.
• One 0.1µF capacitor from each of the reference
inputs (VREFP, VREFN, VREFPC, VREFNC) to GND.
• If the board has supplies that include excessive
digital switching noise, then ferrite beads in series
with the power feed to the A/D should also be
included.
• Proper bypassing of all other integrated circuits
on the board, especially digital logic I.C.s.
CLC949
CMOS Inverter
VDD
BC0
BIASC
BC1
Sleep
10k
*See Figure 6 above.
Rp*
Power Dissipation & Programming
Resistor vs. Sample Rate
Sample Rate (MSPS)
200
150
0
5
10
50
0
100
Power
Resistor
20
50
40
20
0
30
15
Ordering Information
Model
Temperature Range
Description
CLC949ACQ
0˚C to +70˚C
44-pin PLCC
CLC949AJQ
-40˚C to +85˚C
44-pin PLCC
Package Thermal Resistance
Package
q
JC
q
JA
44-pin PLCC
10
°C/W
35
°C/W
Power Requirements
Typ
Units
Vcc = +5V, 5MSPS, Low Bias
65
mW
Vcc = +5V, 20MSPS, Med Bias
220
mW
Vcc = +5V, 30MSPS, High Bias
400
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com