Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4469D Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT4469D
Description  Dual Variable Amplitude Transceivers for H009
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4469D Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT4469D Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Aeroflex Circuit Technology
SCD4469D REV A 5/21/01 Plainview NY (516) 694-6700
4
Notes:
1. VCC = +15Volts ±0.75V, VEE = -15Volts ±0.75V, VIL = +5Volts ±0.5V, Tc = -55°C to +125°C, unless otherwise specified.
2. All typical values are measured at +25°C.
3. Characteristics guaranteed by design, not production tested.
4. Power ON/OFF, measured 1MHz at Point A-A’ Figure 4.
5. At point A-A’ on Figure 4 or 5, 2.5 µS after midpoint crossing of the parity bit of the last word.
6. This test is peformed while the Transceiver is reading its own transmission. This condition is called "Wraparound". Standard TTL
loads applied to RX DATA Outputs.
Electrical Characteristics – Receiver Section 1/ 2/
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Voltage Range 3/
Pt. A - A’
VIDR
-
20
V peak
Common Mode Rejection Ratio 3/
-
CMRR
45
-
-
dB
Strobe Characteristics (Logic "0" inhibits output) (NOTE: If not used, a 1K pullup to 5V is recommended)
"0" Input Current
VS = 0.4 V
IIL
-
-0.2
-0.4
mA
"1" Input Current
VS = 2.7V
IIH
-1
+40
µA
"0" Input Voltage
-
VIL
--
0.7
V
"1" Input Voltage
-
VIH
2.0
-
-
V
Strobe Delay (turn-on)
-
tSD(ON)
-
90
150
nS
Strobe Delay (turn-off)
-
tSD(OFF)
-
90
150
nS
Threshold Characteristics (Sinewave input )
Input Threshold Voltage, Pt. A - A’ Figure 5
1MHz
VTH
1.5
2.0
3.0
Vp-p
Output Characteristics, RX DATA and RX DATA
"1" State
IOH = -0.4 mA
VOH
2.5
3.6
-
V
"0" State
IOL = 4 mA
VOL
-0.35
0.5
V
Delay (average), from differential input zero
crossings to RX DATA and RX DATA output
50% points
6/tDRX
-300
450
nS
Power Supply Currents Per Channel 1/ 2/
VCC = +12V to +15V, VEE = -12V to -15V, VL = +5V
Duty Cycle
Condition
Symbol
Typ
Max
Unit
Transmitter Standby
Pt. A - A’
ZO = 175 Ω,
VO = 21 VPK-PK
Figure 5
ICC
IEE
IL
6
16
19
10
25
25
mA
25% 3/
ICC
IEE
IL
26
35
19
35
45
25
50%
ICC
IEE
IL
45
54
19
55
65
25
100%
ICC
IEE
IL
84
92
20
120
130
25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com