Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4469D Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT4469D
Description  Dual Variable Amplitude Transceivers for H009
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4469D Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT4469D Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Aeroflex Circuit Technology
SCD4469D REV A 5/21/01 Plainview NY (516) 694-6700
5
Configurations and Ordering Information
Model No.
Receiver Data level
Case
Specs.
Configuration
ACT4469D
Normally Low
DIP
H009
Dual
ACT4469DI
Normally High
Figure 4 – Transmitter (TX) Output Offset
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A’ in Figure 5
Magnified View
(Total hybrid with one channel transmitting
and the other in standby)
0.4FS
0.8FS
0.6FS
0.2FS
VO PK-PK @ A– A'
Figure 5 – Typical Transformer connection
N1:N2
A
A'
TX/RX DATA OUT
TX/RX DATA OUT
34
Ω
34
Ω
Transformer turns ratio:
N1:N2 = 1:1
Use Aeroflex 25T1553-1
175
Ω
ACT4469D, CH A
B
B'
FS
Figure 3 – Typical Transmitter Output
Amplitude (Vo) vs Vcont Voltage
0
2
4
6
8
10
CONTROL VOLTAGE
8.4
21
16.8
12.6
4.2
0
VCONT dc
Slope =
∆VO ÷ ∆VCONT
Figure 6 – Power Dissipation vs. Duty Cycle
Note: Vcc = ±15V Volts, Vbus (Pt. A-A') at 21 Volts P-P
0
10
20
30
40
50
60
70
80
90 100
3.2
2.8
2.4
2.0
1.6
1.2
.8
.4
0
DUTY CYCLE – PERCENT
Typical
Maximum
@175
Ω
3.6
+
+
*
*
* External Coupling Capacitors are required for each output.
Recommened 1µF ceramic 25V/50V or can use Tantalum
(15WVDC min) with 0.1µF ceramic in parallel for each output.
C
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com