Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4469D Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT4469D
Description  Dual Variable Amplitude Transceivers for H009
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4469D Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT4469D Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aeroflex Circuit Technology
SCD4469D REV A 5/21/01 Plainview NY (516) 694-6700
2
A-A’ (See Figure 5). When both
DATA and DATA inputs are held low
or
high,
the transmitter
output
impedance is low, and signal is
“removed”
from
the
line.
In
addition, an overriding “INHIBIT”
input returns the output impedance
to a high state. A logic “1” applied
to the “INHIBIT” takes priority over
the condition of the data inputs and
disables
the
transmitter.
(See
Transmitter
Logic
Waveforms,
Figure 1).
The
transmitter
utilizes
an
active filter to suppress harmonics
above
1MHz
to
meet
H009
specification. The transmitter may
be safely operated for an indefinite
period
with
the
output
short
circuited at 100% duty cycle.
Receiver
The Receiver section accepts
bi-phase differential data at the
input
and
produces
two
TTL
signals at the output. The outputs
are DATA and DATA, and represent
positive and negative excursions of
the input beyond a pre-determined
threshold
(See
Receiver
Logic
Waveforms, Figure 2).
The
internal
threshold
is
nominally set to detect data bus
signals exceeding 1.0 Volts P-P
when used with a 1:1 turns ratio
transformer
(See
Figure
5
for
transformer
data
and
typical
connection).
A low level at the Strobe input
inhibits
the
DATA
and
DATA
outputs. The strobe is internally
pulled up, therefore a pull resistor
is not needed.
Figure 1A – Tx Output Truth Table
DATA
DATA
INHIBIT
OUTPUT
X
X
H
High Z
HH
L
Low Z
(No signal)
LL
L
HL
L
Low Z
(Signal)
LH
L
DATA IN
DATA IN
INHIBIT
LINE TO LINE
OUTPUT
Figure 1B - Transmitter Logic Waveforms
Figure 2 - Receiver Logic Waveforms
Note overlap
LINE TO LINE
INPUT
Rx DATA OUT
Rx DATA OUT
Notes: 1. Data and DATA inputs must be complementary waveforms or 50% duty cycle average, with no delays between them, and in the same state during
the off time (both high and low).
2. Region 1; no output signal, High Z state, (Receive Mode), Region 2; No Output signal, Low Z state, Region 3; Transmitter signal
on, low Z (Transmitter mode), Region 4; No Output signal, Low Z state, (Terminate Mode).
Region
1
2
34
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com