Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4469D Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4469D
Description  Dual Variable Amplitude Transceivers for H009
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4469D Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4469D Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4469D REV A 5/21/01
General Description
The
Aeroflex
Circuit
Technology model ACT4469D is a
next
generation
monolithic
transceiver which provides variable
amplitude in compliance with H009
data bus requirements with the
lowest standby power consumption
available
using
three DC power
supplies operation.
The
dual
channel
model
ACT4469D performs the front-end
analog function of inputting and
outputting
data
through
a
transformer to a H009 data bus.
Design
of
this
transceiver
reflects particular attention to active
filter performance. This results in
low bit and word error rate with
superior
waveform
purity
and
minimal zero crossover distortion.
The ACT4469D series active filter
design provides the required H009
low harmonic distortion waveform
without increasing the pulse delay
characteristics significantly.
Efficient transmitter electrical
and thermal design provides low
internal power dissipation and heat
rise at high and well as low duty
cycles.The receiver input threshold
is set internally.
Variable amplitude is adjusted
with factory preset 0–10Vdc control
line at 2 mA maximum input current
at 10 Volts.
Transmitter
The
Transmitter
section
accepts complementary TTL data
at the input, and when coupled to
the data bus with a 1:1 transformer,
isolated on the transceiver side with
two 34 ohm fault isolation resistors,
and
loaded
by
a
175
ohm
termination, the data bus signal
produced is 20 Volts nominal P-P at
Block Diagram (without Transformer, Channel A shown)
ACTIVE
AMPLITUDE
STAGE
COMP.
COMP.
REFERENCE
ACTIVE
FILTER
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
STROBE
TX/RX
TX/RX
RX DATA OUT
RX DATA OUT
GROUND
VCONT
CHANNEL B
INPUT
AMP
Channel A
Channel B
FILTER
OUTPUT
VARIABLE
TRANSMIT
RECEIVE
+VCC
-VEE
Channel A
Features
• World’s smallest and lowest standby power dual
variable amplitude H009 transceiver 1.25" x 0.61"
maximum ceramic package
• Dual transceiver with variable output amplitude
control meets McDonnell Douglas H009 data bus
specifications
• Lowest standby power
• Low power dissipation at full output power
• Operates with ±12V to ±15 and +5V power supplies
• Voltage source output for transmitter
• Monolithic construction
• Processed to commercial or screened to
MIL-STD-883 specs
• +10V Control line for transmitter amplitude
adjustment (See Figure 3)
• Packaging – Hermetic Ceramic
■
Non-conductive mounting surface
■
No package glass beads
■
Small size & light weight
for H009
Dual Variable Amplitude Transceivers
ACT4469D


Similar Part No. - ACT4469D

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4460 AEROFLEX-ACT4460 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4462D AEROFLEX-ACT4462D Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
ACT4462D-7 AEROFLEX-ACT4462D-7 Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
ACT4462DI AEROFLEX-ACT4462DI Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
ACT4462DI-7 AEROFLEX-ACT4462DI-7 Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
More results

Similar Description - ACT4469D

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4419 AEROFLEX-ACT4419 Datasheet
90Kb / 6P
Single Supply Variable Amplitude Transceivers for MIL-STD-1553
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
Dual Variable Amplitude Transceivers for MIL-STD-1553
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
ACT4468D Dual Transceivers for MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4435 AEROFLEX-ARX4435 Datasheet
76Kb / 6P
ARX4435 Transceiver for Macair H009 Specification
ARX4435N AEROFLEX-ARX4435N Datasheet
153Kb / 6P
ARX4435N Transceiver for Macair H009 Specification
ACT4435N AEROFLEX-ACT4435N Datasheet
118Kb / 6P
Standard Products ACT4435N Transceiver for H009 Specification
ACT4462D AEROFLEX-ACT4462D Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
logo
Vicor Corporation
VTM48MP010T135AA0 VICOR-VTM48MP010T135AA0 Datasheet
140Kb / 3P
Sine Amplitude Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com