Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4469D Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT4469D
Description  Dual Variable Amplitude Transceivers for H009
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4469D Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT4469D Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4469D Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Aeroflex Circuit Technology
SCD4469D REV A 5/21/01 Plainview NY (516) 694-6700
3
Absolute Maximum Ratings, Per Channel
Operating Case Temperature
-55°C to +125°C
Storage Case Temperature
-65°C to +150°C
Power Supply Voltages
±16 V
+7 V
Logic Input Voltage
-0.3 V to +5.5 V
Receiver Differential Input
±40 V
Receiver Input Voltage (Common Mode)
±10V
Driver Peak Output Current
150 mA
Total Package Power Dissipation over the Full Operating
Case Temperature Range
3.6 Watts
Maximum Junction to Case Temperature
18°C
Junction-Case, Thermal Resistance
5°C/W
Electrical Characteristics – Driver Section 1/ 2/
Input Characteristics, TX DATA IN or TX DATA IN
Parameter
Condition
Symbol
Min
Typ
Max
Unit
"0" Input Current
VIN = 0.4 V
IILD
-
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7 V
IIHD
-
1
40
µA
"0" Input Voltage
-
VILD
--
0.7
V
"1" Input Voltage
-
VIHD
2.0
-
-
V
Inhibit Characteristics
"0" Input Current
VIN = 0.4V
IILI
-
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7V
IIHI
-
1.0
40
µA
"0" Input Voltage
-
VILI
--
0.7
V
"1" Input Voltage
-
VIHI
2-
-
V
Delay from TX inhibit,(0
→1) to inhibited output
-
tDXOFF
-
300
500
nS
Delay from TX inhibit, (1
→0) to active output
-
tDXON
-
200
400
nS
Differential Output Noise, inhibit mode
-
VNOI
-
2
10
mVp-p
Output Characteristics
Differential output level (175
Ω)
Pt. A - A’
VO
16
20
24
V p-p
Rise and Fall times
-
tR & tF
200
260
300
nS
Output Offset
Pt. A - A’
VOS
-
-
±260
mV peak
Delay from 50% point of TX DATA or TX DATA
input to zero crossing of differential signal
-tDTX
-280
400
nS
Control Line Input Resistance 3/-
RCONT
5-
-
K
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com