Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9229/PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9229/PCB
Description  Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229/PCB Datasheet(HTML) 4 Page - Analog Devices

  AD9229/PCB Datasheet HTML 1Page - Analog Devices AD9229/PCB Datasheet HTML 2Page - Analog Devices AD9229/PCB Datasheet HTML 3Page - Analog Devices AD9229/PCB Datasheet HTML 4Page - Analog Devices AD9229/PCB Datasheet HTML 5Page - Analog Devices AD9229/PCB Datasheet HTML 6Page - Analog Devices AD9229/PCB Datasheet HTML 7Page - Analog Devices AD9229/PCB Datasheet HTML 8Page - Analog Devices AD9229/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD9229
Preliminary Technical Data
Rev. PrF | Page 4 of 15
Oct. 6, 2003
DIGITAL SPECIFICATIONS
AVDD = 3.0V, DRVDD = 3.0V
Parameter
Temp
Test
Level
AD9229BCP-50
Min
Typ
Max
AD9229BCP-65
Min
Typ
Max
Unit
VIH
Full
IV
2.0
2.0
V
VIL
Full
IV
0.8
0.8
V
CLOCK INPUT
Input Capacitance
25
°C
IV
2
2
pF
Logic ‘1’ Voltage
Full
IV
2.0
2.0
V
Logic ‘0’ Voltage
Full
IV
0.8
0.8
V
PDWN INPUT
Input Capacitance
Full
IV
2
2
PF
Differential Output Voltage
(VOD)
Full
IV
247
454
247
454
mV
Output Offset Voltage (VOS)
Full
IV
1.125
1.375
1.125
1.375
V
DIGITAL OUTPUTS
(LVDS Mode)*
Output Coding
Full
IV
Offset Binary
Offset Binary
Table 2: Digital Specifications
* LVDS Rset resistor = 3.6K, LVDS Output Termination Resistor= 100 Ohms.
AC SPECIFICATIONS1
AVDD = 3.0 V, DRVDD = 3.0V; INTERNAL REFERENCE; DIFFERENTIAL ANALOG INPUTS,MAXIMUM SAMPLE RATE,TMIN TO
TMAX, UNLESS OTHERWISE NOTED
Parameter
Temp
Test
Level
AD9229BCP-50
Min
Typ
Max
AD9229BCP-65
Min
Typ
Max
Unit
fIN= 10.3 MHz
25
°C
V
70.5
70.5
dB
fIN= 19.6 MHz
25
°C
V
dB
fIN= 32.5 MHz
25
°C
I
69.7
69.7
dB
SIGNAL TO NOISE
RATIO (SNR) –
Without
Harmonics
fIN= 51 MHz
25
°C
V
dB
fIN= 10.3 MHz
25
°C
V
70.3
70.3
dB
fIN= 19.6 MHz
25
°C
V
dB
fIN= 32.5 MHz
25
°C
I
69.5
69.5
dB
SIGNAL TO NOISE
RATIO (SINAD) –
With Harmonics
fIN= 51 MHz
25
°C
V
dB
fIN= 10.3 MHz
25
°C
V
Bits
fIN= 19.6 MHz
25
°C
V
Bits
fIN= 32.5 MHz
25
°C
I
Bits
EFFECTIVE
NUMBER OF BITS
(ENOB)
fIN= 51 MHz
25
°C
V
Bits
fIN= 10.3 MHz
25
°C
V
dB
fIN= 19.6 MHz
25
°C
V
85
85
dB
fIN= 32.5 MHz
25
°C
I
dB
SPURIOUS FREE
DYNAMIC RANGE
(SFDR)
fIN= 51 MHz
25
°C
V
dB
fIN= 10.3 MHz
25
°C
V
dBc
fIN= 19.6 MHz
25
°C
V
-85
-85
dBc
fIN= 32.5 MHz
25
°C
I
dBc
SECOND AND
THIRD
HARMONIC
DISTORTION
fIN= 51 MHz
25
°C
V
dBc
fIN1= 19 MHz, fIN2= 20 MHz
25
°C
V
-85
-85
dBc
TWO TONE
INTERMOD
DISTORTION
(IMD)
fIN1= xx MHz, fIN2= xx MHz
25
°C
V
dBc
1 SNR/harmonics based on an analog input voltage of –0.5 dBFS referenced to a 1 Vpp full-scale input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com