Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9229/PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9229/PCB
Description  Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229/PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9229/PCB Datasheet HTML 7Page - Analog Devices AD9229/PCB Datasheet HTML 8Page - Analog Devices AD9229/PCB Datasheet HTML 9Page - Analog Devices AD9229/PCB Datasheet HTML 10Page - Analog Devices AD9229/PCB Datasheet HTML 11Page - Analog Devices AD9229/PCB Datasheet HTML 12Page - Analog Devices AD9229/PCB Datasheet HTML 13Page - Analog Devices AD9229/PCB Datasheet HTML 14Page - Analog Devices AD9229/PCB Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Preliminary Technical Data
AD9229
Rev. PrF | Page 13 of 15
Oct. 6, 2003
PIN CONFIGURATIONS
1
12
13
24
25
36
37
48
DRGND
DRVDD
DNC
DNC
DNC
DNC
PDWN
AVDD
AGND
VIN+A
VIN-A
AGND
DRGND
DRVDD
LVDSBIAS
PLLGND
PLLVDD
AGND
CLK
AVDD
AGND
VIN+D
VIN-D
AGND
AD9229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com