Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9229/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9229/PCB
Description  Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9229/PCB Datasheet HTML 6Page - Analog Devices AD9229/PCB Datasheet HTML 7Page - Analog Devices AD9229/PCB Datasheet HTML 8Page - Analog Devices AD9229/PCB Datasheet HTML 9Page - Analog Devices AD9229/PCB Datasheet HTML 10Page - Analog Devices AD9229/PCB Datasheet HTML 11Page - Analog Devices AD9229/PCB Datasheet HTML 12Page - Analog Devices AD9229/PCB Datasheet HTML 13Page - Analog Devices AD9229/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AD9229
Preliminary Technical Data
Rev. PrF | Page 10 of 15
Oct. 6, 2003
MINIMUM CONVERSION RATE
The encode rate at which the SNR of the lowest analog signal
frequency drops by no more than 3 dB below the guaranteed limit.
MAXIMUM CONVERSION RATE
The encode rate at which parametric testing is performed.
OFFSET ERROR
Offset error is the difference between the measured and ideal
voltage at the analog input that produces the midscale code at the
outputs. Offset error is given for the worst ADC.
OFFSET MATCHING
Expressed in mV. Computed using the following equation:
min
max
OFF
OFF
hing
OffsetMatc
−
=
where OFFmax is the most positive offset error and OFFmin is the
most negative offset error.
OUTPUT PROPAGATION DELAY
The delay between a differential crossing of CLK+ and CLK- and
the time when all output data bits are within valid logic levels.
NOISE (FOR ANY RANGE WITHIN THE ADC)
−
−
=
10
10
*
001
.
*
dBFS
dBc
dBm
Signal
SNR
FS
noise
Z
V
Where Z is the input impedance, FS is the full scale of the device
for the frequency in question, SNR is the value for the particular
input level and Signal is the signal level within the ADC reported in
dB below full scale. This value includes both thermal and
quantization noise.
POWER SUPPLY REJECTION RATIO
The ratio of a change in input offset voltage to a change in power
supply voltage.
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD)
The ratio of the rms signal amplitude (set 1 dB below full scale) to
the rms value of the sum of all other spectral components,
including harmonics but excluding dc.
SIGNAL-TO-NOISE RATIO (WITHOUT HARMONICS)
The ratio of the rms signal amplitude (set at 1 dB below full scale)
to the rms value of the sum of all other spectral components,
excluding the first five harmonics and dc.
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
The ratio of the rms signal amplitude to the rms value of the peak
spurious spectral component. The peak spurious component may
or may not be a harmonic. It also may be reported in dBc (i.e.,
degrades as signal level is lowered) or dBFS (i.e., always related back
to converter full scale).
TWO-TONE INTERMODULATION DISTORTION
REJECTION
The ratio of the rms value of either input tone to the rms value of
the worst third order intermodulation product; reported in dBc.
TWO-TONE SFDR
The ratio of the rms value of either input tone to the rms value of
the peak spurious component. The peak spurious component may
or may not be an IMD product. It also may be reported in dBc (i.e.,
degrades as signal level is lowered) or in dBFS (i.e., always relates
back to converter full scale).
WORST OTHER SPUR
The ratio of the rms signal amplitude to the rms value of the worst
spurious component (excluding the second and third harmonic)
reported in dBc.
TRANSIENT RESPONSE TIME
Transient response time is defined as the time it takes for the ADC
to reacquire the analog input after a transient from 10% above
negative full scale to 10% below positive full scale.
OUT-OF-RANGE RECOVERY TIME
Out of range recovery time is the time it takes for the ADC to
reacquire the analog input after a transient from 10% above positive
full scale to 10% above negative full scale, or from 10% below
negative full scale to 10% below positive full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com