Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9229/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9229/PCB
Description  Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9229/PCB Datasheet HTML 7Page - Analog Devices AD9229/PCB Datasheet HTML 8Page - Analog Devices AD9229/PCB Datasheet HTML 9Page - Analog Devices AD9229/PCB Datasheet HTML 10Page - Analog Devices AD9229/PCB Datasheet HTML 11Page - Analog Devices AD9229/PCB Datasheet HTML 12Page - Analog Devices AD9229/PCB Datasheet HTML 13Page - Analog Devices AD9229/PCB Datasheet HTML 14Page - Analog Devices AD9229/PCB Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AD9229
Preliminary Technical Data
Rev. PrF | Page 12 of 15
Oct. 6, 2003
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Description
Pin No.
Name
Description
8,16,21,
29
AVDD
3.0 V Analog Supply
44
D+A
ADC A True Digital Output
9,12,15,
22,25,28,
31
AGND
Analog Ground
43
D-A
ADC A Complement Digital Output
2,35
DRVDD
3.0 V Digital Output Supply
42
D+B
ADC B True Digital Output
1,36
DRGND
Digital Ground
41
D-B
ADC B Complement Digital Output
32
PLLVDD
PLL
3.0V Supply
40
D+C
ADC C True Digital Output
33
PLLGND
PLL Ground
39
D-C
ADC C Complement Digital Output
30
CLK
Input Clock
38
D+D
ADC D True Digital Output
18
VREF
Voltage Reference Input/Output
37
D1-D
ADC D Complement Digital Output
17
SENSE
Reference Mode Selection
48
DCO+
Data Clock Output – True
20
REFT
Differential Reference (Positive)
47
DCO-
Data Clock Output – Complement
19
REFB
Differential Reference (Negative)
46
FCO+
Frame Clock Indicator – True Output
10
VIN+A
ADC A Analog Input – True
45
FCO-
Frame Clock Indicator – Complement Output
11
VIN-A
ADC A Analog Input – Complement
34
LVDSBIAS
LVDS Output Current Set Resistor Pin
14
VIN+B
ADC B Analog Input – True
7
PDWN
Power Down Selection ( Logic ‘1’ = Power Down )
13
VIN-B
ADC B Analog Input – Complement
3,4,5,6
DNC
Do Not Connect
23
VIN+C
ADC C Analog Input – True
24
VIN-C
ADC C Analog Input – Complement
27
VIN+D
ADC D Analog Input – True
26
VIN-D
ADC D Analog Input – Complement
Table 6: Pin Function Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com