Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9229/PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9229/PCB
Description  Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229/PCB Datasheet(HTML) 1 Page - Analog Devices

  AD9229/PCB Datasheet HTML 1Page - Analog Devices AD9229/PCB Datasheet HTML 2Page - Analog Devices AD9229/PCB Datasheet HTML 3Page - Analog Devices AD9229/PCB Datasheet HTML 4Page - Analog Devices AD9229/PCB Datasheet HTML 5Page - Analog Devices AD9229/PCB Datasheet HTML 6Page - Analog Devices AD9229/PCB Datasheet HTML 7Page - Analog Devices AD9229/PCB Datasheet HTML 8Page - Analog Devices AD9229/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Quad 12-Bit, 50/65 MSPS
Serial LVDS 3V A/D Converter
Preliminary Technical Data
AD9229
FEATURES
• Four ADCs in one package
• Serial LVDS digital output data rates (ANSI-644)
• Data clock output provided
• On Chip Reference and SHA
• SNR = 70 dB at Fin up to Nyquist
• Excellent Linearity:
−
DNL =
±0.3 LSB (Typical)
−
INL =
±0.6 LSB (Typical)
• 500 MHz full power analog bandwidth
• Per Channel Core Power Dissipation = 270mW at 65MSPS /
200mW at 50MSPS
• 1 Vpp – 2 Vpp input voltage range
• +3.0 V supply operation
• Power down mode
APPLICATIONS
• Digital beam forming systems in ultrasound
• Wireless and wired broadband communications
• Communications test equipment
• Radar and satellite imaging sub-systems
FUNCTIONAL BLOCK DIAGRAM
Serial
LVDS
Pipeline
ADC
SHA
Data Rate
Multiplier
Ref
Select
+
-
0.5 V
Serial
LVDS
Pipeline
ADC
SHA
Serial
LVDS
Pipeline
ADC
SHA
Serial
LVDS
Pipeline
ADC
SHA
AD9229
D1+A
D1-A
LVDSBIAS
AGND
VREF
SENSE
VIN+A
VIN-A
VIN+B
VIN-B
VIN+C
VIN-C
VIN+D
VIN-D
AVDD
DRVDD
12
12
12
12
PDWN
DCO+
DCO-
REFT
REFB
CLK
D1+B
D1-B
D1+C
D1-C
D1+D
D1-D
DRGND
DCO+
DCO-
FCO+
FCO-
Figure 1. Functional Block Diagram
PRODUCT DESCRIPTION
The AD9229 is a quad 12-bit monolithic sampling analog–to–
digital converter with an on–chip track–and–hold circuit and is
designed for low cost, low power, small size and ease of use. The
product operates up to a 65 MSPS conversion rate and is optimized
for outstanding dynamic performance where a small package size is
critical.
The ADC requires a single+3.0 V power supply and a TTL/CMOS
compatible sample rate clock for full performance operation. No
external reference or driver components are required for many
applications. A separate output power supply pin supports LVDS
compatible serial digital output levels.
The ADC automatically multiplies up the sample rate clock for the
appropriate LVDS serial data rate. An MSB trigger is provided to
signal a new output byte. Power down is supported and consumes
less than 3mW when enabled.
Fabricated on an advanced CMOS process, the AD9229 is available
in a 48-LFCSP package specified over the industrial temperature
range (–40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
Four analog-to-digital converters are contained in one small,
space saving package.
2.
A Data Clock Output (DCO) is provided which operates up to
390 MHz.
3.
The outputs of each ADC are serialized with a maximum data
output rate of 780 Mbps (12-bits x 65 MSPS).
4.
The AD9229 operates from a single +3.0 V analog power
supply.
Rev. PrF 10/06/2003
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its
use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices. Trademarks and registered trademarks are the property
of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD9229/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229 Datasheet
785Kb / 41P
Serial, LVDS, 3 V A/D Converter
Rev. B
AD9229-65EB1 AD-AD9229-65EB1 Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229ABCPZ-50 AD-AD9229ABCPZ-50 Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229ABCPZ-50 AD-AD9229ABCPZ-50 Datasheet
785Kb / 41P
Serial, LVDS, 3 V A/D Converter
Rev. B
More results

Similar Description - AD9229/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
AD9228 AD-AD9228 Datasheet
1Mb / 52P
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
logo
Texas Instruments
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
Analog Devices
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com