Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8029AKS-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8029AKS-R2
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8029AKS-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8029AKS-R2 Datasheet HTML 1Page - Analog Devices AD8029AKS-R2 Datasheet HTML 2Page - Analog Devices AD8029AKS-R2 Datasheet HTML 3Page - Analog Devices AD8029AKS-R2 Datasheet HTML 4Page - Analog Devices AD8029AKS-R2 Datasheet HTML 5Page - Analog Devices AD8029AKS-R2 Datasheet HTML 6Page - Analog Devices AD8029AKS-R2 Datasheet HTML 7Page - Analog Devices AD8029AKS-R2 Datasheet HTML 8Page - Analog Devices AD8029AKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 5 of 20
SPECIFICATIONS WITH +3 V SUPPLY
Table 3. VS = +3 V @ TA = 25°C, G = +1, RL = 1 kΩ to midsupply, unless otherwise noted. All specifications are per amplifier.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VO = 0.1 V p-p
80
112
MHz
G = +1, VO = 2 V p-p
13
18
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.1 V p-p
6
MHz
Slew Rate
G = +1, VO = 2 V Step
55
V/µs
G = –1, VO = 2 V Step
57
V/µs
Settling Time to 0.1%
G = +2, VO = 2 V Step
110
ns
NOISE/DISTORTION PERFORMANCE
Spurious Free Dynamic Range (SFDR)
fC = 1 MHz, VO = 2 V p-p
–72
dBc
fC = 5 MHz, VO = 2 V p-p
–60
dBc
Input Voltage Noise
f = 100 kHz
16.5
nV/√Hz
Input Current Noise
f = 100 kHz
1.1
pA/√Hz
Crosstalk (AD8030/AD8040)
f = 5 MHz, VIN = 2 V p-p
-80
dB
DC PERFORMANCE
Input Offset Voltage
PNP Active, VCM = 1.5 V
1.1
5
mV
NPN Active, VCM = 2.5 V
1.6
6
mV
Input Offset Voltage Drift
TMIN to TMAX
24
µV/°C
Input Bias Current1
NPN Active, VCM = 2.5 V
0.7
1.2
µA
TMIN to TMAX
1
µA
Input Bias Current1
PNP Active, VCM = 1.5 V
–1.5
–2.5
µA
TMIN to TMAX
1.6
µA
Input Offset Current
±0.1
±0.9
µA
Open-Loop Gain
Vo = 0.5 V to 2.5 V
64
73
dB
INPUT CHARACTERISTICS
Input Resistance
6
MΩ
Input Capacitance
2
pF
Input Common-Mode Voltage Range
–0.2 to +3.2
V
Common-Mode Rejection Ratio
VCM = 0.25 V to 1.25 V, RL = 10 kΩ
78
88
dB
DISABLE PIN (AD8029)
DISABLE Low Voltage
–VS + 0.8
V
DISABLE Low Current
–6.5
µA
DISABLE High Voltage
–VS + 1.2
V
DISABLE High Current
0.2
µA
Turn-Off Time
50% of DISABLE to <10% of Final VO,
VIN = –1 V, G = –1
165
ns
Turn-On Time
50% of DISABLE to <10% of Final VO,
VIN = –1 V, G = –1
95
ns
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
(Rising/Falling Edge)
VIN = –1 V to +4 V, G = –1
75/100
ns
Output Voltage Swing
RL = 1 kΩ
–VS + 0.09
+VS – 0.09
V
RL = 10 kΩ
–VS + 0.04
+VS – 0.04
V
Short-Circuit Current
Sinking and Sourcing
80/40
mA
Off Isolation (AD8029)
VIN = 0.1 V p-p, f = 1 MHz, DISABLE = Low
–55
dB
Capacitive Load Drive
30% Overshoot
10
pF
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current/Amplifier
1.3
1.4
mA
Quiescent Current (Disabled)
DISABLE = Low
145
200
µA
Power Supply Rejection Ratio
VS ± 1 V
70
76
dB
1 Plus, +, (or no sign) indicates current into pin; minus (–) indicates current out of pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com