Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8029AKS-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8029AKS-R2
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8029AKS-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8029AKS-R2 Datasheet HTML 4Page - Analog Devices AD8029AKS-R2 Datasheet HTML 5Page - Analog Devices AD8029AKS-R2 Datasheet HTML 6Page - Analog Devices AD8029AKS-R2 Datasheet HTML 7Page - Analog Devices AD8029AKS-R2 Datasheet HTML 8Page - Analog Devices AD8029AKS-R2 Datasheet HTML 9Page - Analog Devices AD8029AKS-R2 Datasheet HTML 10Page - Analog Devices AD8029AKS-R2 Datasheet HTML 11Page - Analog Devices AD8029AKS-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 8 of 20
FREQUENCY (MHz)
1
10
100
1000
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
03679-0-010
0pF
20pF
10pF
5pF
G = +1
VO = 0.1V p-p
Figure 13. Small Signal Frequency Response for Various CLOAD
FREQUENCY (MHz)
1
10
100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
03679-A-014
2V p-p
1V p-p
0.1V p-p
G = +2
RF = 1kΩ
Figure 14. Frequency Response for Various Output Amplitudes
03679-0-054
10
100
1k
10k
100k
1M
10M
100M
1G
80
70
60
225
180
135
90
45
0
50
40
30
20
10
0
–10
–20
FREQUENCY (Hz)
Figure 15. Open-Loop Gain and Phase vs. Frequency
FREQUENCY (MHz)
1
10
100
1000
03679-0-013
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
G = +1
VO = 0.1V p-p
VICM = 0V
VICM = VS+ – 0.2V
VICM = VS– + 0.2V
Figure 16. Small Signal Frequency Response for Various
Input Common-Mode Voltages
FREQUENCY (MHz)
1
10
100
–6
–5
–4
–3
–2
–1
0
1
2
03679-0-014
+125
°C
+85
°C
+25
°C
–40
°C
G = +1
VO = 0.1V p-p
Figure 17. Small Signal Frequency Response vs. Temperature
FREQUENCY (MHz)
1
10
100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
03679-0-015
+125°C
+25°C
+85°C
–40°C
G = +1
VO = 2V p-p
Figure 18. Large Signal Frequency Response vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com