Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8029AKS-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8029AKS-R2
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8029AKS-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8029AKS-R2 Datasheet HTML 8Page - Analog Devices AD8029AKS-R2 Datasheet HTML 9Page - Analog Devices AD8029AKS-R2 Datasheet HTML 10Page - Analog Devices AD8029AKS-R2 Datasheet HTML 11Page - Analog Devices AD8029AKS-R2 Datasheet HTML 12Page - Analog Devices AD8029AKS-R2 Datasheet HTML 13Page - Analog Devices AD8029AKS-R2 Datasheet HTML 14Page - Analog Devices AD8029AKS-R2 Datasheet HTML 15Page - Analog Devices AD8029AKS-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 12 of 20
INPUT COMMON-MODE VOLTAGE (V)
–1
01234
56789
10
1
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
03679-0-074
1
VS = +3V
VS = +5V
VS = +10V
Figure 37. Input Bias Current vs. Input Common-Mode Voltage
TEMPERATURE (
°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
–2.0
–1.0
–1.2
–1.4
–1.6
–1.8
0
1.0
0.8
0.6
0.4
0.2
03679-0-073
VS = +3
VS = +5
VS = ±5
NPN ACTIVE
PNP ACTIVE
Figure 38. Input Bias Current vs. Temperature
TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
100
120
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
03679-0-067
VS = ±5V
VS = +5V
VS = +3V
Figure 39 Quiescent Supply Current vs. Temperature
INPUT COMMON-MODE VOLTAGE (V)
–1
0
1
2
345
67
89
10
1
–4
–3
–2
–1
0
1
2
3
4
03679-A-017
1
VS = +3V
VS = +5V
VS = +10V
RL = 1kΩ TO
MIDSUPPLY
G = +1
Figure 40. Input Offset Voltage vs. Input Common-Mode Voltage
TEMPERATURE (°C)
–4
125
–40
–25
–10
5
20
35
50
65
80
95
110
VS = ±5V
VS = +5V
VS = +3V
4
3
2
1
0
–1
–2
–3
Figure 41. Input Offset Voltage vs. Temperature
INPUT OFFSET VOLTAGE (mV)
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
20
40
60
80
100
120
03679-0-064
COUNT = 1088
MEAN = 0.44mV
STDEV = 1.05mV
Figure 42. Input Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com