Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8029AKS-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8029AKS-R2
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8029AKS-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8029AKS-R2 Datasheet HTML 9Page - Analog Devices AD8029AKS-R2 Datasheet HTML 10Page - Analog Devices AD8029AKS-R2 Datasheet HTML 11Page - Analog Devices AD8029AKS-R2 Datasheet HTML 12Page - Analog Devices AD8029AKS-R2 Datasheet HTML 13Page - Analog Devices AD8029AKS-R2 Datasheet HTML 14Page - Analog Devices AD8029AKS-R2 Datasheet HTML 15Page - Analog Devices AD8029AKS-R2 Datasheet HTML 16Page - Analog Devices AD8029AKS-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 13 of 20
03679-0-061
100k
1M
10M
100M
1G
1
10
100
1k
1M
100k
10k
FREQUENCY (Hz)
DISABLE = LOW
Figure 43. AD8029 Output Impedance vs. Frequency, Disabled
LOAD RESISTANCE (
Ω)
100
1000
10000
–0.5
0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
VS = +3V
VS = +5V VS = ±5V
VOH – VS
VOL – VS
LOAD RESISTANCE TIED
TO MIDSUPPLY
03679-0-041
Figure 44. Output Saturation Voltage vs. Load Resistance
TEMPERATURE (
°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
30
50
70
90
110
130
150
170
03679-0-066
VS = ±5V
VS = +5V
VS = +3V
RL = 1kΩ TIED TO MIDSUPPLY
SOLID LINE: VS+ – VOH
DASHED LINE: VOL – VS–
Figure 42. Output Saturation Voltage vs. Temperature
03679-0-060
1k
10k
100k
1M
10M
100M
1G
0.1
1
10
100
1000
FREQUENCY (Hz)
G = +1
Figure 45. Output Impedance vs. Frequency, Enabled
OUTPUT VOLTAGE (V)
–2.5
–2.0
–1.5
–1.0
–0.5
–0
0.5
1.0
1.5
2.0
2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
03679-0-072
RL = 10kΩ
RL = 1kΩ
VS = ±2.5V
Figure 46. Input Error Voltage vs. Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com