Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8029AKS-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8029AKS-R2
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8029AKS-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8029AKS-R2 Datasheet HTML 7Page - Analog Devices AD8029AKS-R2 Datasheet HTML 8Page - Analog Devices AD8029AKS-R2 Datasheet HTML 9Page - Analog Devices AD8029AKS-R2 Datasheet HTML 10Page - Analog Devices AD8029AKS-R2 Datasheet HTML 11Page - Analog Devices AD8029AKS-R2 Datasheet HTML 12Page - Analog Devices AD8029AKS-R2 Datasheet HTML 13Page - Analog Devices AD8029AKS-R2 Datasheet HTML 14Page - Analog Devices AD8029AKS-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 11 of 20
–0.1%
+0.1%
500ns/DIV
03679-0-062
VOUT – 2VIN (0.1%/DIV)
G = +2
VS = ±2.5V
+1V
–1V
VOUT (500mV/DIV)
Figure 31. Long-Term Settling Time
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
1G
–100
–90
–80
–70
–60
–50
–40
–30
–20
03679-0-078
Figure 32. Common-Mode Rejection Ratio vs. Frequency
03679-0-055
0.1
1
10
100
1000
–20
–70
–60
–50
–40
–30
–80
FREQUENCY (MHz)
G = +1
RL = 1kΩ
DISABLE = LOW
VIN = 0.1V p-p
Figure 33. AD8029 Off-Isolation vs. Frequency
–0.1%
+0.1%
20ns/DIV
03679-0-063
VOUT – 2VIN (0.1%/DIV)
VOUT (500mV/DIV)
VIN (250mV/DIV)
G = +2
Figure 34.0.1% Short-Term Settling Time
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
03679-0-033
+PSRR
–PSRR
Figure 35. PSRR vs. Frequency
FREQUENCY (MHz)
0.01
–130
1000
0.1
1.0
10
100
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
DRIVE AMP
1k
Ω
50
Ω
VIN
CROSSTALK = 20log
(VOUT
VIN )
LISTEN AMP
1k
Ω
VOUT
AD8040
(AMP 4 DRIVE
AMP 1 LISTEN)
AD8030
(AMP 2 DRIVE
AMP 1 LISTEN)
Figure 36. AD8030/AD8040 Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com