Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003CATPD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20003CATPD
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003CATPD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20003CATPD Datasheet HTML 1Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 2Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 3Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 4Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 5Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 6Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 7Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 8Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX20002/MAX20003 are small, synchronous
buck converters with integrated high-side and low-side
MOSFETs. Each device is designed to deliver up to 2A/3A
with input voltages from 3.5V to 36V, while using only
15µA quiescent current at no load. Voltage quality can be
monitored by observing the PGOOD signal. The devices
can operate in dropout by running at 98% duty cycle,
making them ideal for automotive applications.
The devices offer fixed output voltages of 5V/3.3V, along
with the ability to program the output voltage between 1V
to 10V. Frequency can be programmed using a resistor
to ground on the FOSC pin from 220kHz to 2.2MHz. The
devices offer a forced fixed-frequency mode and skip
mode with ultra-low quiescent current of 15µA. They have
a pin that can be programmed to turn on/off the spread
spectrum, further helping systems designers with better
EMC management.
The MAX20002/MAX20003 are available in a small 5mm x
5mm 20-pin TQFN package with exposed pad and use very
few external components.
Applications
● Point-of-Load Applications in Automotive
● Distributed DC Power Systems
● Navigation and Radio Head Units
Benefits and Features
● Synchronous DC-DC Converter with Integrated FETs
• MAX20002 = 2A
• MAX20003 = 3A
• 15µA Quiescent Current When in Standby Mode
● Small Solution Size Saves Space
• 220kHz to 2.2MHz Adjustable Frequency
• Programmable 1V to 10V Output for the Buck or
Fixed 5V/3.3V Options Available
• Fixed 8ms Internal Soft-Start
• Fixed Output Voltage with ±2% Output Accuracy
(5V/3.3V) or Externally Resistor Adjustable (1V to
10V) with ±1% FB Accuracy
● PGOOD Output and High-Voltage EN Input Simplify
Power Sequencing
● Protection Features and Operating Range Ideal for
Automotive Applications
• Operating VIN Range of 3.5V to 36V
• 42V Load-Dump Protection
• 99% Duty-Cycle Operation with Low Dropout
• -40°C to +125°C Automotive Temperature Range
• AEC-Q100 Qualified
Ordering Information appears at end of data sheet.
19-7311; Rev 5; 4/16
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
EVALUATION KIT AVAILABLE


Similar Part No. - MAX20003CATPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20003CATPD/V+ MAXIM-MAX20003CATPD/V+ Datasheet
669Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results

Similar Description - MAX20003CATPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16936 MAXIM-MAX16936 Datasheet
2Mb / 17P
36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13
MAX20004 MAXIM-MAX20004 Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com