Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003CATPD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX20003CATPD
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003CATPD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX20003CATPD Datasheet HTML 6Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 7Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 8Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 9Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 10Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 11Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 12Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 13Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PIN
NAME
FUNCTION
12
SPS
Spread-Spectrum Pin. Pull high for spread spectrum on and low for spread spectrum off.
13,14
PGND
Power Ground
15
BST
High-Side Driver Supply. Connect a 0.1µF capacitor between LX and BST for proper operation.
16–18
LX
Inductor Switching Node
19
N.C.
No Connection
20
FSYNC
Synchronization Input. The devices synchronize to an external signal applied to FSYNC. Connect
FSYNC to AGND to enable skip mode operation. Connect to BIAS or to an external clock to enable
fixed-frequency, forced-PWM mode operation.
—
EP
Exposed Pad. Connect EP to a large-area contiguous copper ground plane for effective power
dissipation. Do not use as the only IC ground connection. EP must be connected to PGND.
www.maximintegrated.com
Maxim Integrated │ 10
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com