Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003CATPD Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX20003CATPD
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003CATPD Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX20003CATPD Datasheet HTML 11Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 12Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 13Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 14Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 15Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 16Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 17Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 18Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Ordering Information
PART
VOUT
ADJUSTABLE
(FB TIED TO
RESISTOR-
DIVIDER) (V)
VOUT FIXED
(FB TIED TO
BIAS (V)
MAXIMUM
OPERATING
CURRENT (A)
TEMP
RANGE
PIN-
PACKAGE
MINIMUM
ILIM (A)
MAX20002ATPA/V+
1 to 10
5
2
-40°C to
+125°C
20 TQFN-
EP*
2.5
MAX20002ATPB/V+
1 to 10
3.3
2
-40°C to
+125°C
20 TQFN-
EP*
2.5
MAX20002CATPA/V+**
1 to 10
5
2
-40°C to
+125°C
20 TQFN-
EP*
2.5
MAX20002CATPB/V+**
1 to 10
3.3
2
-40°C to
+125°C
20 TQFN-
EP*
2.5
MAX20002CATPC/V+**
1 to 10
5
2
-40°C to
+125°C
20 TQFN-
EP*
5
MAX20002CATPD/V+**
1 to 10
3.3
2
-40°C to
+125°C
20 TQFN-
EP*
5
MAX20003ATPA/V+
1 to 10
5
3
-40°C to
+125°C
20 TQFN-
EP*
3.75
MAX20003ATPB/V+
1 to 10
3.3
3
-40°C to
+125°C
20 TQFN-
EP*
3.75
MAX20003CATPA/V+**
1 to 10
5
3
-40°C to
+125°C
20 TQFN-
EP*
3.75
MAX20003CATPB/V+**
1 to 10
3.3
3
-40°C to
+125°C
20 TQFN-
EP*
3.75
MAX20003CATPC/V+**
1 to 10
5
3
-40°C to
+125°C
20 TQFN-
EP*
5
MAX20003CATPD/V+**
1 to 10
3.3
3
-40°C to
+125°C
20 TQFN-
EP*
5
/V denotes an automotive qualified part.
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
*EP = Exposed pad.
**Future product—contact factory for availability.
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
20 TQFN-EP
T2055+4C
21-0140
90-0009
www.maximintegrated.com
Maxim Integrated │ 18
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
Chip Information
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com