Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003CATPD Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX20003CATPD
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003CATPD Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX20003CATPD Datasheet HTML 10Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 11Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 12Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 13Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 14Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 15Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 16Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 17Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Forced-PWM and Skip Modes
In PWM mode of operation, the devices switch at
a constant frequency with variable on-time. In skip
mode of operation, the converter’s switching frequency
is load dependent. At higher load current, the switching
frequency does not change and the operating mode is
similar to the PWM mode. Skip mode helps improve
efficiency in light-load applications by allowing the
converters to turn on the high-side switch only when the
output voltage falls below a set threshold. As such, the
converters do not switch MOSFETs on and off as often
as in the PWM mode. Consequently, the gate charge and
switching losses are much lower in skip mode.
Inductor Selection
Three key inductor parameters must be specified for
operation with the devices: inductance value (L), inductor
saturation current (ISAT), and DC resistance (RDCR). To
select inductor value, the ratio of inductor peak-to-peak
AC current to DC average current (LIR) must be selected
first. A good compromise between size and loss is a 30%
peak-to-peak ripple current to average-current ratio (LIR
= 0.3). The switching frequency, input voltage, output volt-
age, and selected LIR then determine the inductor value
as follows:
SUP
OUT
OUT
SUP
SW
OUT
(V
V
) V
L
V
f
I
LIR
−×
=
××
×
where VSUP, VOUT, and IOUT are typical values (so that
efficiency is optimum for typical conditions). The switch-
ing frequency is set by RFOSC (see TOC 8 in the Typical
Operating Characteristics section).
Input Capacitor
The input filter capacitor reduces peak currents drawn
from the power source and reduces noise and voltage
ripple on the input caused by the circuit’s switching.
The input capacitor RMS current requirement (IRMS) is
defined by the following equation:
OUT
SUP
OUT
RMS
LOAD(MAX)
SUP
V
x(V
- V
)
II
V
=
×
IRMS has a maximum value when the input voltage
equals twice the output voltage:
SUP
OUT
V
2V
= ×
therefore:
LOAD(MAX)
RMS
SUP
I
I
V
=
Choose an input capacitor that exhibits less than +10°C
self-heating temperature rise at the RMS input current for
optimal long-term reliability.
The input-voltage ripple is comprised of ΔVQ (caused
by the capacitor discharge) and ΔVESR (caused by the
ESR of the capacitor). Use low-ESR ceramic capacitors
with high ripple-current capability at the input. Assume
the contribution from the ESR and capacitor discharge
equal to 50%. Calculate the input capacitance and ESR
required for a specified input voltage ripple using the
following equations:
ESR
IN
L
OUT
V
ESR
I
I
2
∆
=
∆
+
where:
SUP
OUT
OUT
L
SUP
SW
(V
- V
) V
I
V
fL
×
∆=
××
and:
OUT
IN
Q
SW
I
D(1- D)
C
Vf
×
=
∆×
OUT
SUPSW
V
D
V
=
where: IOUT is the maximum output current and D is the
duty cycle.
Output Capacitor
The output filter capacitor must have low enough equiva-
lent series resistance (ESR) to meet output-ripple and
load-transient requirements. The output capacitance must
be high enough to absorb the inductor energy while
transitioning from full-load to no-load conditions without
tripping the overvoltage-fault protection. When using
high-capacitance, low-ESR capacitors, the filter capaci-
tor’s ESR dominates the output-voltage ripple, so the size
of the output capacitor depends on the maximum ESR
required to meet the output-voltage ripple (VRIPPLE(P-P))
specifications:
RIPPLE(P-P)
LOAD(MAX)
V
ESR I
LIR
=
×
×
The actual capacitance value required relates to the
physical size needed to achieve low ESR, as well as
to the chemistry of the capacitor technology. Thus, the
capacitor is usually selected by ESR and voltage rating
rather than by capacitance value.
www.maximintegrated.com
Maxim Integrated │ 14
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com