Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003CATPD Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX20003CATPD
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003CATPD Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX20003CATPD Datasheet HTML 9Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 10Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 11Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 12Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 13Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 14Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 15Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 16Page - Maxim Integrated Products MAX20003CATPD Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Spread-Spectrum Option
The spread spectrum can be enabled on the device
using a pin. When the SPS pin is pulled high the spread
spectrum is enabled and the operating frequency is varied
±3% centered on FOSC. The modulation signal is a trian-
gular wave with a period of 110μs at 2.2MHz. Therefore,
FOSC ramps down 3% and back to 2.2MHz in 110μs and
also ramps up 3% and back to 2.2MHz in 110μs. The
cycle repeats.
For operations at FOSC values other than 2.2MHz, the
modulation signal scales proportionally (e.g., at 400kHz,
the 110μs modulation period increases to 110μs x
2.2MHz/0.4MHz = 550μs).
The internal spread spectrum is disabled if the devices
are synchronized to an external clock. However, the
devices do not filter the input clock on the FSYNC pin and
pass any modulation (including spread spectrum) present
on the driving external clock.
Internal Oscillator (FOSC)
The switching frequency (fSW) is set by a resistor (RFOSC)
connected from FOSC to AGND. For example, a 400kHz
switching frequency is set with RFOSC = 73.2kΩ. Higher
frequencies allow designs with lower inductor values and
less output capacitance. Consequently, peak currents and
I2R losses are lower at higher switching frequencies, but
core losses, gate-charge currents, and switching losses
increase.
Overtemperature Protection
Thermal overload protection limits the total power
dissipation in the device. When the junction temperature
exceeds 175°C (typ), an internal thermal sensor shuts
down the internal bias regulator and the step-down
converter, allowing the IC to cool. The thermal sensor
turns on the IC again after the junction temperature cools
by 15°C.
Applications Information
Setting the Output Voltage
Connect FB to BIAS for a fixed +5V/3.3V output voltage.
To set the output to other voltages between 1V and 10V,
connect a resistive divider from output (OUT) to FB to
AGND (Figure 2). Select RFB2 (FB to AGND resistor) less
than or equal to 500kΩ. Calculate RFB1 (OUT to FB resis-
tor) with the following equation:
OUT
FB1
FB2
FB
V
R
R
-1
V

=



where VFB = 1V (see the Electrical Characteristics
table).
Figure 2. Adjustable Output-Voltage Setting
RFB1
RFB2
VOUT
MAX20002
MAX20003
FB
www.maximintegrated.com
Maxim Integrated │ 13
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com