Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR024 Datasheet(PDF) 6 Page - International Rectifier

Part # IRLR024
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR024 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLR024 Datasheet HTML 2Page - International Rectifier IRLR024 Datasheet HTML 3Page - International Rectifier IRLR024 Datasheet HTML 4Page - International Rectifier IRLR024 Datasheet HTML 5Page - International Rectifier IRLR024 Datasheet HTML 6Page - International Rectifier IRLR024 Datasheet HTML 7Page - International Rectifier IRLR024 Datasheet HTML 8Page - International Rectifier IRLR024 Datasheet HTML 9Page - International Rectifier IRLR024 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Rev. 2.1
08/20/02
IRU3007
www.irf.com
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU3007.
PWM
Control
V12
PWM
Control
V12
V12
Osc
Slope
Comp
+
Slope
Comp
+
1.26V
0.9V
5Bit
DAC
Enable
Enable
V12
Soft
Start &
Fault
Logic
200uA
0.9Vset
1.1Vset
2.5V
1.17Vset
4.3V
Vset
2.0V
Enable
UVLO
Vset
Enable
8
PGood
14
Fb4
16
VOUT4
15
VSEN2
18
Gate3
19
Fb3
22
VSEN1
3
VID4
5
4
6
11
V5
28
V12
7
12
SS
10
Fb2
17
Gnd
1
UGate2
13
Fault / Rt
26
Phase1
9
OCSet2
2
Phase2
23
OCSet1
25
LGate1
27
UGate1
21
Fb1
VID3
VID2
VID1
VID0
24
PGnd
Over
Current
Over
Voltage
V5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com