Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR024 Datasheet(PDF) 8 Page - International Rectifier

Part # IRLR024
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR024 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRLR024 Datasheet HTML 4Page - International Rectifier IRLR024 Datasheet HTML 5Page - International Rectifier IRLR024 Datasheet HTML 6Page - International Rectifier IRLR024 Datasheet HTML 7Page - International Rectifier IRLR024 Datasheet HTML 8Page - International Rectifier IRLR024 Datasheet HTML 9Page - International Rectifier IRLR024 Datasheet HTML 10Page - International Rectifier IRLR024 Datasheet HTML 11Page - International Rectifier IRLR024 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Rev. 2.1
08/20/02
IRU3007
www.irf.com
Ref Desig Description
Qty
Part #
Manuf
Q1
MOSFET
1
IRL3103S, TO-263 package
IR
Q2
MOSFET
1
IRLR024, TO-252 package
IR
Q3
MOSFET
1
IRL3103S, TO-263 package
IR
Q4
MOSFET with Schottky
1
IRL3103D1S, TO-263 package
IR
D1
Diode
1
MBRB1035, TO-263 package
IR
L1
Inductor
1
L=1
mH, 5052 core with 4 turns of
Micro Metal
1.0mm wire
L2
Inductor
1
L=4.7
mH, 5052 core with 11 turns of
Micro Metal
1.0mm wire
L3
Inductor
1
L=2.7
mH, 5052B core with 7 turns of
Micro Metal
1.2mm wire
C1
Capacitor, Electrolytic
2
6MV1500GX, 1500
mF, 6.3V
Sanyo
C2
Capacitor, Electrolytic
1
10MV470GX, 470
mF, 10V
Sanyo
C3
Capacitor, Electrolytic
1
10MV1200GX, 1200
mF, 10V
Sanyo
C4, 13
Capacitor, Ceramic
2
1000pF, 0603
C5, 10
Capacitor, Ceramic
2
220pF, 0603
C8
Capacitor, Ceramic
1
1
mF, 0805
C9, 15, 19 Capacitor, Ceramic
3
1
mF, 0603
C14
Capacitor, Electrolytic
2
10MV1200GX, 1200
mF, 10V
Sanyo
C16
Capacitor, Electrolytic
6
6MV1500GX, 1500
mF, 6.3V
Sanyo
C17
Capacitor, Electrolytic
1
6MV1000GX, 1000
mF, 6.3V
Sanyo
C18
Capacitor, Electrolytic
1
6MV150GX, 150
mF, 6.3V
Sanyo
R1, 5, 13,
Resistor
4
4.7
V, 5%, 1206
14
R2
Resistor
1
75
V, 1%, 0603
R3, 6, 7, 8 Resistor
4
100
V, 1%, 0603
R5
Resistor
1
19.1
V, 1%, 0603
R9
Resistor
1
1.5K
V, 5%, 0603
R10
Resistor
1
10
V, 5%, 1206
R12
Resistor
1
3.3K
V, 5%, 0603
R16, 17, 21 Resistor
3
2.2K
V, 1%, 0603
R19
Resistor
1
220K
V, 1%, 0603
R22
Resistor
1
10
V, 5%, 0603
IRU3007 APPLICATION PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com