Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR024 Datasheet(PDF) 12 Page - International Rectifier

Part # IRLR024
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR024 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRLR024 Datasheet HTML 8Page - International Rectifier IRLR024 Datasheet HTML 9Page - International Rectifier IRLR024 Datasheet HTML 10Page - International Rectifier IRLR024 Datasheet HTML 11Page - International Rectifier IRLR024 Datasheet HTML 12Page - International Rectifier IRLR024 Datasheet HTML 13Page - International Rectifier IRLR024 Datasheet HTML 14Page - International Rectifier IRLR024 Datasheet HTML 15Page - International Rectifier IRLR024 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Rev. 2.1
08/20/02
IRU3007
www.irf.com
T
≡ Switching Period
D
≡ Duty Cycle
Vsw
≡ High-side MOSFET ON Voltage
RDS
≡ MOSFET On-Resistance
Vsync
≡ Synchronous MOSFET ON Voltage
DIr
≡ Inductor Ripple Current
DVo
≡Output Ripple Voltage
T = 1 / 200000 = 5
ms
Vsw = Vsync = 14.2
30.019 = 0.27V
D
≈ (2.8 + 0.27) / (5 - 0.27 + 0.27) = 0.61
TON = 0.61
35 = 3.1ms
TOFF = 5 - 3.1 = 1.9
ms
DIr = (2.8 + 0.27)31.9 / 3 = 1.94A
DVo = 1.9430.006 = 0.011V = 11mV
Vf = 0.5V
DMAX
≈ (3.3 + 0.5) / (4.75 - 0.27 + 0.5) = 0.76
of the 1500
mF, 6MV1500GX type Sanyo capacitors. With
Rs=5m
V, the maximum ESR becomes 9.5mV which is
equivalent to
≈ 4 caps. Another important consideration
is that if a trace is being used to implement the resistor,
the power dissipated by the trace increases the case
temperature of the output capacitors which could seri-
ously affect the life span of the output capacitors.
Output Inductor Selection
The output inductance must be selected such that un-
der low line and the maximum output voltage condition,
the inductor current slope times the output capacitor
ESR is ramping up faster than the capacitor voltage is
drooping during a load current step. However, if the in-
ductor is made too small, the output ripple current and
ripple voltage will become too large. One solution to bring
the ripple current down is to increase the switching fre-
quency, however that will be at the cost of reduced effi-
ciency and higher system cost. The following set of for-
mulas are derived to achieve optimum performance with-
out many design iterations.
The maximum output inductance is calculated using the
following equation:
Where:
VIN(MIN) = Minimum input voltage
For Vo = 2.8V and
DI = 14.2A, we get:
Assuming that the programmed switching frequency is
set at 200KHz, an inductor is designed using the
Micrometals’ powder iron core material. The summary
of the design is outlined below:
The selected core material is Powder Iron, the selected
core is T50-52D from Micro Metal wound with 8 turns of
#16 AWG wire, resulting in 3
mH inductance with
≈ 3 mV
of DC resistance.
Assuming L=3
mH and Fsw=200KHz (switching fre-
quency), the inductor ripple current and the output ripple
voltage is calculated using the following set of equations:
L = ESR
3 C 3
(VIN(MIN) - Vo(MAX))
(2
3 DI)
(4.75 - 2.8)
(2
3 14.2)
L = 0.006
3 9000 3
= 3.7
mH
In our example for Vo = 2.8V and 14.2 A load, assuming
IRL3103 MOSFET for both switches with maximum on
resistance of 19m
V, we have:
Power Component Selection
Vcore
Assuming IRL3103 MOSFETs as power components,
we will calculate the maximum power dissipation as fol-
lows:
For high side switch the maximum power dissipation
happens at maximum Vo and maximum duty cycle.
RDS(MAX)=Maximum RDS(ON) of the MOSFET at 125
8C
For synch MOSFET, maximum power dissipation hap-
pens at minimum Vo and minimum duty cycle.
3.3V Supply
Again, for high side switch the maximum power dissipa-
tion happens at maximum Vo and maximum duty cycle.
The duty cycle equation for non synchronous replaces
the forward voltage of the diode with the Synch MOSFET
on voltage. In equations below:
T = 1 / Fsw
Vsw = Vsync = Io
3RDS
D
≈ (Vo + Vsync) / (VIN - Vsw + Vsync)
TON = D
3T
TOFF = T - TON
DIr = (Vo + Vsync)3TOFF / L
DVo = DIr3ESR
DMAX
≈ (2.8 + 0.27) / (4.75 - 0.27 + 0.27) = 0.65
PDH = DMAX
3Io23RDS(MAX)
PDH = 0.65
314.2230.029 = 3.8W
DMIN
≈ (2 + 0.27) / (5.25 - 0.27 + 0.27) = 0.43
PDS = (1 - DMIN)
3Io23RDS(MAX)
PDS = (1 - 0.43)
314.22 30.029 = 3.33W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com