Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR024 Datasheet(PDF) 7 Page - International Rectifier

Part # IRLR024
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR024 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRLR024 Datasheet HTML 3Page - International Rectifier IRLR024 Datasheet HTML 4Page - International Rectifier IRLR024 Datasheet HTML 5Page - International Rectifier IRLR024 Datasheet HTML 6Page - International Rectifier IRLR024 Datasheet HTML 7Page - International Rectifier IRLR024 Datasheet HTML 8Page - International Rectifier IRLR024 Datasheet HTML 9Page - International Rectifier IRLR024 Datasheet HTML 10Page - International Rectifier IRLR024 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IRU3007
7
Rev. 2.1
08/20/02
www.irf.com
TYPICAL APPLICATION
Figure 3 - Typical application of IRU3007 for an on-board DC-DC converter providing power
for the Vcore, GTL+, Clock supply as well as an on-board 3.3V I/O supply
for the Deschutes and the next generation processor applications.
12V
5V
VOUT2
3.0V - 3.5V
VOUT3
1.5V
VOUT4
2.5V
PGood
VOUT1
1.8V - 3.5V
C2
C3
L1
L2
C1
C4
R1
D1
Q1
R10
R2
R3
R5
R6
R7
R8
R19
R17
C15
Q4
C13
R15
R16
C16
L3
R14
R13
Q3
C14
C10
R12
C8
R9
C5
Q2
C19
C18
C17
C9
5V
R21
5V
R22
Gate3
Fb2
Fb4
Gnd
Fb3
VSEN2
Phase2
VID3
VID2
VID4
VID1
VID0
PGnd
U1
OCSet2
V12
V5
VOUT4
LGate1
Phase1
UGate2
UGate1
OCSet1
SS
Fb1
VSEN1
PGood
Fault/Rt
IRU3007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com