Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR024 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLR024
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR024 Datasheet(HTML) 2 Page - International Rectifier

  IRLR024 Datasheet HTML 1Page - International Rectifier IRLR024 Datasheet HTML 2Page - International Rectifier IRLR024 Datasheet HTML 3Page - International Rectifier IRLR024 Datasheet HTML 4Page - International Rectifier IRLR024 Datasheet HTML 5Page - International Rectifier IRLR024 Datasheet HTML 6Page - International Rectifier IRLR024 Datasheet HTML 7Page - International Rectifier IRLR024 Datasheet HTML 8Page - International Rectifier IRLR024 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Rev. 2.1
08/20/02
IRU3007
www.irf.com
ELECTRICAL SPECIFICATIONS
Supply UVLO Section
UVLO Threshold-12V
UVLO Hysteresis-12V
UVLO Threshold-5V
UVLO Hysteresis-5V
Supply Current
Operating Supply Current
VID Section (Vcore only)
DAC Output Voltage (Note 1)
DAC Output Line Regulation
DAC Output Temp Variation
VID Input LO
VID Input HI
VID Input Internal Pull-Up
Resistor to V5
VFB2 Voltage
Oscillator Section (Internal)
Osc Frequency
ABSOLUTE MAXIMUM RATINGS
V5 Supply Voltage .................................................... 7V
V12 Supply Voltage ..................................................
20V
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 125°C
PACKAGE INFORMATION
28-PIN WIDE BODY PLASTIC SOIC (W)
Unless otherwise specified, these specifications apply over V12=12V, V5=5V and TA=0 to 70°C. Typical values refer
to TA=25°C. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient
temperature.
uJA =808C/W
UGate2
Phase2
VID4
VID3
VID2
VID1
VID0
PGood
OCSet2
NC
Fb1
VSEN1
OCSet1
PGnd
LGate1
Phase1
UGate1
V12
4
3
2
1
25
26
27
28
7
6
5
22
23
24
TOP VIEW
9
20
8
21
Fb2
V5
SS
Fault / Rt
Fb4
VSEN2
VOUT4
Gnd
Gate3
Fb3
14
15
13
16
12
17
11
18
10
19
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Switching Controllers; Vcore (VOUT1) and I/O (VOUT2)
Supply Ramping Up
Supply Ramping Up
V12
V5
Rt=Open
0.99Vs
2
27
10
0.4
4.3
0.3
6
30
Vs
0.1
0.5
2
200
1.01Vs
0.8
V
V
V
V
mA
V
%
%
V
V
K
V
V
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com