Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC870 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC870
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC870 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC870 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
40
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Bus Signal Timing
Table 13 shows the PCMCIA port timing for the MPC875/870.
Figure 29 provides the PCMCIA output port timing for the MPC875/870.
Figure 29. PCMCIA Output Port Timing
Figure 30 provides the PCMCIA input port timing for the MPC875/870.
Figure 30. PCMCIA Input Port Timing
Table 13. PCMCIA Port Timing
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P57
CLKOUT to OPx valid
(MAX = 0.00
× B1 + 19.00)
—
19.00
—
19.00
—
19.00
—
19.00
ns
P58
HRESET negated to OPx
drive 1(MIN = 0.75
× B1 + 3.00)
1 OP2 and OP3 only.
25.70
—
21.70
—
14.40
—
12.40
—
ns
P59
IP_Xx valid to CLKOUT rising edge
(MIN = 0.00
× B1 + 5.00)
5.00
—
5.00
—
5.00
—
5.00
—
ns
P60
CLKOUT rising edge to IP_Xx invalid
(MIN = 0.00
× B1 + 1.00)
1.00
—
1.00
—
1.00
—
1.00
—
ns
CLKOUT
HRESET
Output
Signals
OP2, OP3
P57
P58
CLKOUT
Input
Signals
P59
P60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com