Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC870 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC870
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC870 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC870 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
17
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Bus Signal Timing
B8
CLKOUT to A(0:31), BADDR(28:30)
RD/WR, BURST, D(0:31) valid
(MAX = 0.25
× B1 + 6.3)
—13.80
—12.50
—10.00
—
9.43
ns
B8a
CLKOUT to TSIZ(0:1), REG, RSV, BDIP,
PTR valid (MAX = 0.25
× B1 + 6.3)
—13.80
—12.50
—10.00
—
9.43
ns
B8b
CLKOUT to BR, BG, VFLS(0:1), VF(0:2),
IWP(0:2), FRZ, LWP(0:1), STS valid 2
(MAX = 0.25
× B1 + 6.3)
—13.80
—12.50
—10.00
—
9.43
ns
B9
CLKOUT to A(0:31), BADDR(28:30),
RD/WR, BURST, D(0:31), TSIZ(0:1), REG,
RSV, PTR High-Z
(MAX = 0.25
× B1 + 6.3)
7.60
13.80
6.30
12.50
3.80
10.00
3.13
9.43
ns
B11
CLKOUT to TS, BB assertion
(MAX = 0.25
× B1 + 6.0)
7.60
13.60
6.30
12.30
3.80
9.80
3.13
9.13
ns
B11a
CLKOUT to TA, BI assertion (when driven
by the memory controller or PCMCIA
interface) (MAX = 0.00
× B1 + 9.30 1)
2.50
9.30
2.50
9.30
2.50
9.80
2.5
9.3
ns
B12
CLKOUT to TS, BB negation
(MAX = 0.25
× B1 + 4.8)
7.60
12.30
6.30
11.00
3.80
8.50
3.13
7.92
ns
B12a
CLKOUT to TA, BI negation (when driven
by the memory controller or PCMCIA
interface) (MAX = 0.00
× B1 + 9.00)
2.50
9.00
2.50
9.00
2.50
9.00
2.5
9.00
ns
B13
CLKOUT to TS, BB High-Z
(MIN = 0.25
× B1)
7.60
21.60
6.30
20.30
3.80
14.00
3.13
12.93
ns
B13a
CLKOUT to TA, BI High-Z (when driven by
the memory controller or PCMCIA
interface) (MIN = 0.00
× B1 + 2.5)
2.50
15.00
2.50
15.00
2.50
15.00
2.5
15.00
ns
B14
CLKOUT to TEA assertion
(MAX = 0.00
× B1 + 9.00)
2.50
9.00
2.50
9.00
2.50
9.00
2.50
9.00
ns
B15
CLKOUT to TEA High-Z
(MIN = 0.00
× B1 + 2.50)
2.50
15.00
2.50
15.00
2.50
15.00
2.50
15.00
ns
B16
TA, BI valid to CLKOUT (setup time)
(MIN = 0.00
× B1 + 6.00)
6.00
—
6.00
—
6.00
—
6
—
ns
B16a
TEA, KR, RETRY, CR valid to CLKOUT
(setup time) (MIN = 0.00
× B1 + 4.5)
4.50
—
4.50
—
4.50
—
4.50
—
ns
B16b
BB, BG, BR, valid to CLKOUT (setup time)
2 (4MIN = 0.00
× B1 + 0.00)
4.00
—
4.00
—
4.00
—
4.00
—
ns
B17
CLKOUT to TA, TEA, BI, BB, BG, BR valid
(hold time) (MIN = 0.00
× B1 + 1.00 3)
1.00
—
1.00
—
2.00
—
2.00
—
ns
B17a
CLKOUT to KR, RETRY, CR valid (hold
time) (MIN = 0.00
× B1 + 2.00)
2.00
—
2.00
—
2.00
—
2.00
—
ns
Table 10. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com