Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC870 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC870
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC870 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC870 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
14
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Mandatory Reset Configurations
Figure 3. Example Voltage Sequencing Circuit
9
Mandatory Reset Configurations
The MPC875/870 requires a mandatory configuration during reset.
If hardware reset configuration word (HRCW) is enabled, the HRCW[DBGC] value needs to be set to binary X1 in
the HRCW and the SIUMCR[DBGC] should be programmed with the same value in the boot code after reset. This
can be done by asserting the RSTCONF during HRESET assertion.
If HRCW is disabled, the SIUMCR[DBGC] should be programmed with binary X1 in the boot code after reset by
negating the RSTCONF during the HRESET assertion.
The MBMR[GPLB4DIS], PAPAR, PADIR, PBPAR, PBDIR, PCPAR, and PCDIR need to be configured with the
mandatory values in Table 7 in the boot code after the reset is negated.
Table 7. Mandatory Reset Configuration of MPC875/870
Register/Configuration
Field
Value
(binary)
HRCW
(Hardware reset configuration word)
HRCW[DBGC]
X1
SIUMCR
(SIU module configuration register)
SIUMCR[DBGC]
X1
MBMR
(Machine B mode register)
MBMR[GPLB4DIS}
0
PAPAR
(Port A pin assignment register)
PAPAR[5:9]
PAPAR[12:13]
0
PADIR
(Port A data direction register)
PADIR[5:9]
PADIR[12:13]
0
PBPAR
(Port B pin assignment register)
PBPAR[14:18]
PBPAR[20:22]
0
PBDIR
(Port B data direction register)
PBDIR[14:8]
PBDIR[20:22]
0
PCPAR
(Port C pin assignment register)
PCPAR[4:5]
PCPAR[8:9]
PCPAR[14]
0
VDDH
VDDL
1N5820
MUR420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com