Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC870 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC870
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC870 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC870 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
74
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Mechanical Data and Ordering Information
WE0
BS_B0
IORD
E15
Output
WE1
BS_B1
IOWR
D17
Output
WE2
BS_B2
PCOE
D16
Output
WE3
BS_B3
PCWE
G13
Output
BS_A[0:3]
F14, E16, E17, F15
Output
GPL_A0
GPL_B0
C17
Output
OE
GPL_A1
GPL_B1
F13
Output
GPL_A[2:3]
GPL_B[2:3]
CS[2–3]
E14, C16
Output
UPWAITA
GPL_A4
D11
Bidirectional (3.3 V only)
UPWAITB
GPL_B4
E12
Bidirectional
GPL_A5
D12
Output
PORESET
D5
Input (3.3 V only)
RSTCONF
C3
Input (3.3 V only)
HRESET
E7
Open-drain
SRESET
C4
Open-drain
XTAL
D6
Analog output
EXTAL
D7
Analog input (3.3 V only)
CLKOUT
G4
Output
EXTCLK
B4
Input (3.3 V only)
TEXP
B3
Output
ALE_A
B7
Output
CE1_A
C15
Output
CE2_A
D14
Output
WAIT_A
D4
Input (3.3 V only)
Table 36. Pin Assignments—JEDEC Standard (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com