Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC870 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC870
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC870 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC870 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
75
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Mechanical Data and Ordering Information
IP_A0
G6
Input (3.3 V only)
IP_A1
F5
Input (3.3 V only)
IP_A2
IOIS16_A
D3
Input (3.3 V only)
IP_A3
E4
Input (3.3 V only)
IP_A4
D2
Input (3.3 V only)
IP_A5
E3
Input (3.3 V only)
IP_A6
F4
Input (3.3 V only)
IP_A7
C2
Input (3.3 V only)
ALE_B
DSCK
C8
Bidirectional
Three-state (3.3 V only)
IP_B[0:1]
IWP[0:1]
VFLS[0:1]
B8, D9
Bidirectional (3.3 V only)
OP0
B6
Bidirectional (3.3 V only)
OP1
C6
Output
OP2
MODCK1
STS
B5
Bidirectional (3.3 V only)
OP3
MODCK2
DSDO
B2
Bidirectional (3.3 V only)
BADDR[28:29]
E8, C5
Output
BADDR30
REG
D8
Output
AS
C7
Input (3.3 V only)
PA15
USBRXD
P14
Bidirectional
PA14
USBOE
U16
Bidirectional
(Optional: open-drain)
PA11
RXD4
MII1-TXD0
RMII1-TXD0
R9
Bidirectional
(Optional: open-drain)
(5-V tolerant)
PA10
MII1-TXERR
TIN4
CLK7
R12
Bidirectional
(Optional: open-drain)
(5-V tolerant)
Table 36. Pin Assignments—JEDEC Standard (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com