Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0802LCJ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0802LCJ
Description  8-Bit Digital-to-Analog Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0802LCJ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DAC0802LCJ Datasheet HTML 1Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 2Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 3Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
S = ±15V, IREF = 2 mA and TMIN ≤ TA ≤ TMAX unless otherwise specified. Output
characteristics refer to both I
OUT and IOUT.
DAC0802LC
DAC0800L/
Symbol
Parameter
Conditions
DAC0800LC
Units
Min
Typ
Max
Min
Typ
Max
Power Supply Current
VS=±5V, IREF=1mA
I+
2.3
3.8
2.3
3.8
mA
I−
−4.3
−5.8
−4.3
−5.8
mA
VS=5V, −15V, IREF=2mA
I+
2.4
3.8
2.4
3.8
mA
I−
−6.4
−7.8
−6.4
−7.8
mA
VS=±15V, IREF=2mA
I+
2.5
3.8
2.5
3.8
mA
I−
−6.5
−7.8
−6.5
−7.8
mA
PD
Power Dissipation
±5V, IREF=1 mA
3348
3348
mW
5V,−15V, IREF=2 mA
108
136
108
136
mW
±15V, IREF=2 mA
135
174
135
174
mW
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions.
Note 3: The maximum junction temperature of the DAC0800 and DAC0802 is 125˚C. For operating at elevated temperatures, devices in the Dual-In-Line J package
must be derated based on a thermal resistance of 100˚C/W, junction-to-ambient, 175˚C/W for the molded Dual-In-Line N package and 100˚C/W for the Small Outline
M package.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Pin-out numbers for the DAC080X represent the Dual-In-Line package. The Small Outline package pin-out differs from the Dual-In-Line package.
Connection Diagrams
Dual-In-Line Package
DS005686-13
Top View
Small Outline Package
DS005686-14
Top View
See Ordering Information
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com