Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0802LCJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0802LCJ
Description  8-Bit Digital-to-Analog Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0802LCJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC0802LCJ Datasheet HTML 1Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 2Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 3Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DAC0800/DAC0802
8-Bit Digital-to-Analog Converters
General Description
The DAC0800 series are monolithic 8-bit high-speed
current-output digital-to-analog converters (DAC) featuring
typical settling times of 100 ns. When used as a multiplying
DAC, monotonic performance over a 40 to 1 reference cur-
rent range is possible. The DAC0800 series also features
high compliance complementary current outputs to allow dif-
ferential output voltages of 20 Vp-p with simple resistor loads
as shown in
Figure 1. The reference-to-full-scale current
matching of better than ±1 LSB eliminates the need for
full-scale trims in most applications while the nonlinearities
of better than ±0.1% over temperature minimizes system er-
ror accumulations.
The noise immune inputs of the DAC0800 series will accept
TTL levels with the logic threshold pin, V
LC,
grounded.
Changing the V
LC potential will allow direct interface to other
logic families. The performance and characteristics of the
device are essentially unchanged over the full ±4.5V to
±18V power supply range; power dissipation is only 33 mW
with ±5V supplies and is independent of the logic input
states.
The DAC0800, DAC0802, DAC0800C and DAC0802C are a
direct replacement for the DAC-08, DAC-08A, DAC-08C,
and DAC-08H, respectively.
Features
n Fast settling output current:
100 ns
n Full scale error:
±1 LSB
n Nonlinearity over temperature:
±0.1%
n Full scale current drift:
±10 ppm/˚C
n High output compliance:
−10V to +18V
n Complementary current outputs
n Interface directly with TTL, CMOS, PMOS and others
n 2 quadrant wide range multiplying capability
n Wide power supply range:
±4.5V to ±18V
n Low power consumption:
33 mW at ±5V
n Low cost
Typical Applications
Ordering Information
Non-Linearity
Temperature
Order Numbers
Range
J Package (J16A) (Note 1)
N Package (N16E) (Note 1) SO Package (M16A)
±0.1% FS
0˚C
≤ T
A ≤ +70˚C
DAC0802LCJ
DAC-08HQ DAC0802LCN
DAC-08HP
DAC0802LCM
±0.19% FS
−55˚C
≤ T
A ≤ +125˚C
DAC0800LJ
DAC-08Q
±0.19% FS
0˚C
≤ T
A ≤ +70˚C
DAC0800LCJ
DAC-08EQ
DAC0800LCN
DAC-08EP
DAC0800LCM
Note 1: Devices may be ordered by using either order number.
DS005686-1
FIGURE 1. ±20 V
P-P Output Digital-to-Analog Converter (Note 5)
June 1999
© 1999 National Semiconductor Corporation
DS005686
www.national.com


Similar Part No. - DAC0802LCJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0802LCJ NSC-DAC0802LCJ Datasheet
780Kb / 14P
8-Bit Digital-to-Analog Converters
DAC0802LCJ NSC-DAC0802LCJ Datasheet
637Kb / 9P
8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC0802LCJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
8-bit digital-to-analog converters
June 1994
logo
Texas Instruments
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
8-Bit Digital-to-Analog Converters
logo
Texas Instruments
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602C TI-TLC5602C_15 Datasheet
220Kb / 14P
VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com