Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0802LCJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0802LCJ
Description  8-Bit Digital-to-Analog Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0802LCJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DAC0802LCJ Datasheet HTML 1Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 2Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 3Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+ −V−)
±18V or 36V
Power Dissipation (Note 3)
500 mW
Reference Input Differential Voltage
(V14 to V15)
V
− to V+
Reference Input Common-Mode
Range (V14, V15)
V
− to V+
Reference Input Current
5 mA
Logic Inputs
V
− to V− plus 36V
Analog Current Outputs
(V
S− = −15V)
4.25 mA
ESD Susceptibility (Note 4)
TBD V
Storage Temperature
−65˚C to +150˚C
Lead Temp. (Soldering, 10 seconds)
Dual-In-Line Package (plastic)
260˚C
Dual-In-Line Package (ceramic)
300˚C
Surface Mount Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Operating Conditions (Note 2)
Min
Max
Units
Temperature (T
A)
DAC0800L
−55
+125
˚C
DAC0800LC
0
+70
˚C
DAC0802LC
0
+70
˚C
Electrical Characteristics
The following specifications apply for V
S = ±15V, IREF = 2 mA and TMIN ≤ TA ≤ TMAX unless otherwise specified. Output
characteristics refer to both I
OUT and IOUT.
DAC0802LC
DAC0800L/
Symbol
Parameter
Conditions
DAC0800LC
Units
Min
Typ
Max
Min
Typ
Max
Resolution
888888
Bits
Monotonicity
888888
Bits
Nonlinearity
±0.1
±0.19
%FS
ts
Settling Time
To ±1⁄2 LSB, All Bits Switched
100
135
ns
“ON” or “OFF”, TA=25˚C
DAC0800L
100
135
ns
DAC0800LC
100
150
ns
tPLH,
Propagation Delay
TA=25˚C
tPHL
Each Bit
35
60
35
60
ns
All Bits Switched
35
60
35
60
ns
TCIFS
Full Scale Tempco
±10
±50
±10
±50
ppm/˚C
VOC
Output Voltage Compliance
Full Scale Current Change
−10
18
−10
18
V
<1⁄2 LSB, R
OUT>20 MΩ Typ
IFS4
Full Scale Current
VREF=10.000V, R14=5.000 kΩ
1.984
1.992
2.000
1.94
1.99
2.04
mA
R15=5.000 k
Ω,T
A=25˚C
IFSS
Full Scale Symmetry
IFS4−IFS2
±0.5
±4.0
±1
±8.0
µA
IZS
Zero Scale Current
0.1
1.0
0.2
2.0
µA
IFSR
Output Current Range
V
−=−5V
0
2.0
2.1
0
2.0
2.1
mA
V
−=−8V to −18V
0
2.0
4.2
0
2.0
4.2
mA
Logic Input Levels
VIL
Logic “0”
VLC=0V
0.8
0.8
V
VIH
Logic “1”
2.0
2.0
V
Logic Input Current
VLC=0V
IIL
Logic “0”
−10V
≤V
IN≤+0.8V
−2.0
−10
−2.0
−10
µA
IIH
Logic “1”
2V
≤V
IN≤+18V
0.002
10
0.002
10
µA
VIS
Logic Input Swing
V
−=−15V
−10
18
−10
18
V
VTHR
Logic Threshold Range
VS=±15V
−10
13.5
−10
13.5
V
I15
Reference Bias Current
−1.0
−3.0
−1.0
−3.0
µA
dl/dt
Reference Input Slew Rate
(
Figure 11)
4.0
8.0
4.0
8.0
mA/µs
PSSIFS+
Power Supply Sensitivity
4.5V
≤V+≤18V
0.0001
0.01
0.0001
0.01
%/%
PSSIFS−
−4.5V
≤V−≤18V
0.0001
0.01
0.0001
0.01
%/%
IREF=1mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com