Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0802LCJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0802LCJ
Description  8-Bit Digital-to-Analog Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0802LCJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DAC0802LCJ Datasheet HTML 2Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 3Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 9Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Typical Applications
DS005686-5
IO +IO = IFS for all logic states
For fixed reference, TTL operation, typical values are:
VREF = 10.000V
RREF = 5.000k
R15
≈ RREF
CC = 0.01 µF
VLC = 0V (Ground)
FIGURE 3. Basic Positive Reference Operation (Note 5)
DS005686-21
FIGURE 4. Recommended Full Scale Adjustment
Circuit (Note 5)
DS005686-16
Note. RREF sets IFS; R15 is for bias current cancellation
FIGURE 5. Basic Negative Reference Operation
(Note 5)
DS005686-17
B1 B2 B3 B4 B5 B6 B7 B8
I
O mA
I
OmA
E
O
E
O
Full Scale
11111111
1.992
0.000
−9.960
0.000
Full Scale−LSB
11111110
1.984
0.008
−9.920
−0.040
Half Scale+LSB
10000001
1.008
0.984
−5.040
−4.920
Half Scale
10000000
1.000
0.992
−5.000
−4.960
Half Scale−LSB
01111111
0.992
1.000
−4.960
−5.000
Zero Scale+LSB
00000001
0.008
1.984
−0.040
−9.920
Zero Scale
00000000
0.000
1.992
0.000
−9.960
FIGURE 6. Basic Unipolar Negative Operation (Note 5)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com