Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0802LCJ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0802LCJ
Description  8-Bit Digital-to-Analog Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0802LCJ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DAC0802LCJ Datasheet HTML 3Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 9Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 10Page - National Semiconductor (TI) DAC0802LCJ Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Applications (Continued)
DS005686-6
B1 B2 B3 B4 B5 B6 B7 B8
E
O
E
O
Pos. Full Scale
11111111
−9.920 +10.000
Pos. Full Scale−LSB
11111110
−9.840
+9.920
Zero Scale+LSB
10000001
−0.080
+0.160
Zero Scale
10000000
0.000
+0.080
Zero Scale−LSB
01111111
+0.080
0.000
Neg. Full Scale+LSB
00000001
+9.920
−9.840
Neg. Full Scale
00000000 +10.000
−9.920
FIGURE 7. Basic Bipolar Output Operation (Note 5)
DS005686-18
If RL = RL within ±0.05%, output is symmetrical about ground
B1 B2 B3 B4 B5 B6 B7 B8
E
O
Pos. Full Scale
11111111
+9.960
Pos. Full Scale−LSB
11111110
+9.880
(+)Zero Scale
10000000
+0.040
(−)Zero Scale
01111111
−0.040
Neg. Full Scale+LSB
00000001
−9.880
Neg. Full Scale
00000000
−9.960
FIGURE 8. Symmetrical Offset Binary Operation (Note 5)
DS005686-19
For complementary output (operation as negative logic DAC), connect inverting input of op amp to IO (pin 2), connect IO (pin 4) to ground.
FIGURE 9. Positive Low Impedance Output Operation (Note 5)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com