Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA016
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA016 Datasheet HTML 13Page - STMicroelectronics STA016 Datasheet HTML 14Page - STMicroelectronics STA016 Datasheet HTML 15Page - STMicroelectronics STA016 Datasheet HTML 16Page - STMicroelectronics STA016 Datasheet HTML 17Page - STMicroelectronics STA016 Datasheet HTML 18Page - STMicroelectronics STA016 Datasheet HTML 19Page - STMicroelectronics STA016 Datasheet HTML 20Page - STMicroelectronics STA016 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
17/43
STA016A
Description :
This register must contain a XDIV value that enables
the system PLL to generate a frequency of 50 MHZ
for the SYSCK. See table 4.
Default value at soft reset assume :
– external crystal provide a CRYCK running at
14.31818 MHz
6.3.5
PLL_SYSTEM_MDIV_50 :
Address : 0xEA (234)
Type : RW - DEC
Software Reset : 13
Description :
This register must contain a MDIV value that enables
the system PLL to generate a frequency of 50 MHz
for the SYSCK. See table 4.
Default value at soft reset assume :
– external crystal provide a CRYCK running at
14.31818 MHz
6.3.6
PLL_SYSTEM_PEL_42_5
Address : 0xE6 (230)
Type : RW - DEC
Software Reset : 126
Description :
This register must contain a PEL value that enables
the system PLL to generate a frequency of 42.5 MHz
for the SYSCK.See table 4.
Default value at soft reset assume :
– external crystal provide a CRYCK running at
14.31818 MHz
6.3.7
PLL_SYSTEM_PEH_42_5 :
Address : 0xE7 (231)
Type : RW - DEC
Software Reset : 223
Description :
This register must contain a PEH value that enables
the system PLL to generate a frequency of 42.5 MHz
for the SYSCK.See table 4.
Default value at soft reset assume :
– external crystal provide a CRYCK running at
14.31818 MHz
6.3.8
6.3.9
PLL_SYSTEM_NDIV_42_5 :
Address : 0xE8 (232)
Type : RW - DEC
Software Reset : 0
Description :
This register must contain a NDIV value that enables
the system PLL to generate a frequency of 42.5 MHz
for the SYSCK.See table 4.
Default value at soft reset assume :
– external crystal provide a CRYCK running at
14.31818 MHz
6.3.10 PLL_SYSTEM_XDIV_42_5 :
Address : 0xE9 (233)
Type : RW - DEC
Software Reset : 1
Description :
This register must contain a XDIV value that enables
the system PLL to generate a frequency of 42.5 MHz
for the SYSCK.See table 4.
Default value at soft reset assume :
– external crystal provide a CRYCK running at
14.31818 MHz
6.3.11 PLL_SYSTEM_MDIV_42_5 :
Address : 0xEA (234)
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com