Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA016
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA016 Datasheet HTML 24Page - STMicroelectronics STA016 Datasheet HTML 25Page - STMicroelectronics STA016 Datasheet HTML 26Page - STMicroelectronics STA016 Datasheet HTML 27Page - STMicroelectronics STA016 Datasheet HTML 28Page - STMicroelectronics STA016 Datasheet HTML 29Page - STMicroelectronics STA016 Datasheet HTML 30Page - STMicroelectronics STA016 Datasheet HTML 31Page - STMicroelectronics STA016 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
STA016A
28/43
6.9.19 CD_TRACK_FORMAT :
Address : 0xAA (170)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the format of the played track
considering the extension name. Only 1 bit can be set
in the same time
Table 28. :
6.9.20 NB_OF_SUBDIR :
Address : 0xAB (171)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the number of sub-directory in
the current directory.
6.9.21 NB_OF_SUB_TRACK :
Address : 0xAC (172)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the number of file in the current
directory.
6.9.22 DIRECTORY_LEVEL :
Address : 0xAD (173)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the current directory level.
6.9.23 DIR_IDENTIFIER_Bn :
Address : 0xAE (174) to 0xB1 (177)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the nth byte of the number of
byte of the current directory. Considering that two di-
rectories have very few chance to have exactly the
same number of byte, this number allows to identify
the directory. The first byte (174) is the MSB and the
last one (177) is the LSB.
6.9.24 VOL_IDENTIFIER_Bn:
Address : 0xB2 (178) to 0xB5 (181)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the nth byte of the number of
byte of the CD. Considering that two CD have very
few chance to have exactly the same number of byte,
this number allows to identify the CD. The first byte
(178) is the MSB and the last one (181) is the LSB.
b7
b6
b5
b4
b3
b2
b1
b0
Bit
FORMAT
0
0 : UNKNOWN
1 : MP3
1
1: RESERVED
2MPEG1
3MPEG2
4MPG
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com