Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA016
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA016 Datasheet HTML 28Page - STMicroelectronics STA016 Datasheet HTML 29Page - STMicroelectronics STA016 Datasheet HTML 30Page - STMicroelectronics STA016 Datasheet HTML 31Page - STMicroelectronics STA016 Datasheet HTML 32Page - STMicroelectronics STA016 Datasheet HTML 33Page - STMicroelectronics STA016 Datasheet HTML 34Page - STMicroelectronics STA016 Datasheet HTML 35Page - STMicroelectronics STA016 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
STA016A
32/43
6.11.5 HEADER _n:
Address : 0xD4 (212) to 0xD9 (217)
Type : RO - EDF
Software Reset : 0
Description :
This register give the nth byte of the header of the
frame currently decoded
6.11.6 PCMCLK_INPUT :
Address : 0xCB (203)
Type : RW - DEC
Software Reset : 0
Description :
If set to 1, the PCMCLK pad is configure as input in
order to receive an external reference clock.
6.12 MP3_CONFIGURATION registers
description
6.12.1 ERR_DEC_LEVEL :
Address : 0x6B (107)
Type : RO - EDF
Software Reset : 0
Description :
This register give the status of the mp3 decoding pro-
cess according the error level written in following ta-
ble.
Table 33.
6.12.2 ERR_DEC_NB_1 :
Address : 0x6C (108)
Type : RO - EDF
Software Reset : 0
Description :
See ERR_DEC_NB_2 register description.
6.12.3 ERR_DEC_NB_2 :
Address : 0x6D (109)
Type : RO - EDF
Software Reset : 0
Description :
This register give the status of the mp3 decoding pro-
cess according the error number written in following
table
Table 34.
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
Value
Level
0
No error
1
Warning while decoding
2
Error while decoding
3
Fatal error while decoding
b7
b6
b5
b4
b3
b2
b1
b0
ER7
ER6
ER5
ER4
ER3
ER2
ER1
ER0
b7
b6
b5
b4
b3
b2
b1
b0
ER15 ER14 ER13 ER12 ER11 ER10 ER9
ER8
Event
Comment
ER0 == 1
crc_error
ER1 == 1
cutoff_error
ER2 == 1
big_value_error
ER3 == 1
hufftable_error
ER4 == 1
mod_buf_size_error
ER5 == 1
huffman_decode_error
ER6 == 1
dynpart_exchange_error
ER7 == 1
gr_length_error
ER8 == 1
input_bit_available_error
ER9 == 1
ch_length_error
ER10 == 1
head_framelength_error
ER11 == 1
dynpart_length_error
ER12 == 1
block_type_error
ER13 == 1
head_emphasis_error
ER14 == 1
head_samp_freq_error
ER15 == 1
head_layer_error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com