Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA016
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA016 Datasheet HTML 33Page - STMicroelectronics STA016 Datasheet HTML 34Page - STMicroelectronics STA016 Datasheet HTML 35Page - STMicroelectronics STA016 Datasheet HTML 36Page - STMicroelectronics STA016 Datasheet HTML 37Page - STMicroelectronics STA016 Datasheet HTML 38Page - STMicroelectronics STA016 Datasheet HTML 39Page - STMicroelectronics STA016 Datasheet HTML 40Page - STMicroelectronics STA016 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
37/43
STA016A
6.16 NOTATIONS
ABO
: After BOot (see I).
AEC
: After External Config (see I).
BCK
: Bit ClocK
BSA
: BitStream input interface in Audio mode.
BSB
: BitStream input interface in Burst mode.
BS
: BitStream input interface.
BYPASSA
: decoder BYPASS an Audio stream.
CD
: input interface for CD.
CK
: ClocK.
CRYCK
: CRYstal ClocK provided to the chip by an external crystal.
DBO
: During BOot (see I).
DEC
: During External Config (see I).
DWT
: During Whole Time (see I).
EDB
: Every Decoded Block (see I).
EDF
: Every Decoded Frame (see I).
LRCK
: Left Right ClocK for an I2S interface.
ofact
: oversampling factor for PCMCK (PCMCK == ofact * SF).
PCMCK
: PCM ClocK (can be generated by the audio PLL).
SF
: Sampling Frequency.
SYSCK
: SYStem ClocK (clock of the core, can be generated by the system PLL).
X
: don’t care.
7
I/O CELL DESCRIPTION
7.1 TTL Tristate Output Pad Buffer, 3V capable 4mA, with Slew Rate Control
Pin numbers: 4, 18, 20, 21, 22, 25, 54, 56, 59
7.2 TTL Schmitt Trigger Bidir Pad Buffer, 3V capable, 4mA, with Slew Rate Control
Pin numbers: 1, 2, 3, 7, 8, 9, 19
INPUT PIN
MAX LOAD
Z
100pF
INPUT PIN
CAPACITANCE
OUTPUT
PIN
MAX
LOAD
IO
TBD
IO
100pF
EN
A
D98AU904
Z
EN
A
D98AU905
ZI
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com