Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA016
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA016 Datasheet HTML 32Page - STMicroelectronics STA016 Datasheet HTML 33Page - STMicroelectronics STA016 Datasheet HTML 34Page - STMicroelectronics STA016 Datasheet HTML 35Page - STMicroelectronics STA016 Datasheet HTML 36Page - STMicroelectronics STA016 Datasheet HTML 37Page - STMicroelectronics STA016 Datasheet HTML 38Page - STMicroelectronics STA016 Datasheet HTML 39Page - STMicroelectronics STA016 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
STA016A
36/43
Table 39. values to configure system PLL for SYSCK.
This table give values to configure the system PLL according CRYCK so that to generate a SYSCK == 50MHz.
or SYSCK == 42.5MHz.
Table 40. index of the Sampling Frequency.
Register
CRYCK in MHz 10
CRYCK in MHz
14.31818
CRYCK in MHz
14.7456
PLL_SYSTEM_PEL_50
162
0
28
PLL_SYSTEM_PEH_50
11
0
152
PLL_SYSTEM_NDIV_50
0
0
0
PLL_SYSTEM_XDIV_50
1
1
1
PLL_SYSTEM_MDIV_50
19
13
12
PLL_SYSTEM_PEL_42_5
0
126
100
PLL_SYSTEM_PEH_42_5
0
223
135
PLL_SYSTEM_NDIV_42_5
0
0
0
PLL_SYSTEM_XDIV_42_5
1
1
1
PLL_SYSTEM_MDIV_42_5
16
10
10
Index
Frequency
0
48 kHz
1
44.1 kHz
2
32 kHz
4
96 kHz
5
88.2 kHz
6
64 kHz
8
24 kHz
9
22.05 kHz
10
16 kHz
12
12 kHz
13
11.025 kHz
14
8 kHz
16
192 kHz
17
176.4 kHz
18
128 kHz
3, 7, 11, 15 or 19
illegal frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com